Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46534 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 38Page - Dialog Semiconductor SLG46534 Datasheet HTML 39Page - Dialog Semiconductor SLG46534 Datasheet HTML 40Page - Dialog Semiconductor SLG46534 Datasheet HTML 41Page - Dialog Semiconductor SLG46534 Datasheet HTML 42Page - Dialog Semiconductor SLG46534 Datasheet HTML 43Page - Dialog Semiconductor SLG46534 Datasheet HTML 44Page - Dialog Semiconductor SLG46534 Datasheet HTML 45Page - Dialog Semiconductor SLG46534 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 172 page
background image
SLG46534_DS_107
Page 41 of 171
SLG46534
reg <559:552>
Matrix OUT: IN1 of LUT3_0 or Data Input of DFF3
69
reg <567:560>
Matrix OUT: IN2 of LUT3_0 or RSTB (SETB) of DFF3
70
reg <575:568>
Matrix OUT: IN0 of LUT3_1 or Clock Input of DFF4
71
reg <583:576>
Matrix OUT: IN1 of LUT3_1 or Data Input of DFF4
72
reg <591:584>
Matrix OUT: IN2 of LUT3_1 or RSTB (SETB) of DFF4
73
reg <599:592>
Matrix OUT: IN0 of LUT3_2 or Clock Input of DFF5
74
reg <607:600>
Matrix OUT: IN1 of LUT3_2 or Data Input of DFF5
75
reg <615:608>
Matrix OUT: IN2 of LUT3_2 or RSTB (SETB) of DFF5
76
reg <623:616>
Matrix OUT: IN0 of LUT3_3 or Clock Input of DFF6
77
reg <631:624>
Matrix OUT: IN1 of LUT3_3 or Data Input of DFF6
78
reg <639:632>
Matrix OUT: IN2 of LUT3_3 or RSTB (SETB) of DFF6
79
reg <647:640>
Matrix OUT: IN0 of LUT3_4 or Clock Input of DFF7
80
reg <655:648>
Matrix OUT: IN1 of LUT3_4 or Data Input of DFF7
81
reg <663:656>
Matrix OUT: IN2 of LUT3_4 or RSTB (SETB) of DFF7
82
reg <671:664>
Matrix OUT: IN0 of LUT3_5 or Delay2 Input (or Counter2 RST Input)
83
reg <679:672>
Matrix OUT: IN1 of LUT3_5 or External Clock Input of Delay2 (or Counter2)
84
reg <687:680>
Matrix OUT: IN2 of LUT3_5
85
reg <695:688>
Matrix OUT: IN0 of LUT3_6 or Delay3 Input (or Counter3 RST Input)
86
reg <703:696>
Matrix OUT: IN1 of LUT3_6 or External Clock Input of Delay3 (or Counter3)
87
reg <711:704>
Matrix OUT: IN2 of LUT3_6
88
reg <719:712>
Matrix OUT: IN0 of LUT3_7 or Delay4 Input (or Counter4 RST Input)
89
reg <727:720>
Matrix OUT: IN1 of LUT3_7 or External Clock Input of Delay4 (or Counter4)
90
reg <735:728>
Matrix OUT: IN2 of LUT3_7
91
reg <743:736>
Matrix OUT: IN0 of LUT3_8 or Delay5 Input (or Counter5 RST Input)
92
reg <751:744>
Matrix OUT: IN1 of LUT3_8 or External Clock Input of Delay5 (or Counter5)
93
reg <759:752>
Matrix OUT: IN2 of LUT3_8
94
reg <767:760>
Matrix OUT: IN0 of LUT3_9 or Delay6 Input (or Counter6 RST Input)
95
reg <775:768>
Matrix OUT: IN1 of LUT3_9 or External Clock Input of Delay6 (or Counter6)
96
reg <783:776>
Matrix OUT: IN2 of LUT3_9
97
reg <791:784>
Matrix OUT: IN0 of LUT3_10 or Input of Pipe Delay
98
reg <799:792>
Matrix OUT: IN1 of LUT3_10 or RSTB of Pipe Delay
99
reg <807:800>
Matrix OUT: IN2 of LUT3_10 or Clock of Pipe Delay
100
reg <815:808>
Matrix OUT: IN0 of LUT4_0 or Delay0 Input (or Counter0 RST/SET Input)
101
reg <823:816>
Matrix OUT: IN1 of LUT4_0 or External Clock Input of Delay0 (or Counter0)
102
reg <831:824>
Matrix OUT: IN2 of LUT4_0 or UP Input of FSM0
103
reg <839:832>
Matrix OUT: IN3 of LUT4_0 or KEEP Input of FSM0
104
reg <847:840>
Matrix OUT: IN0 of LUT4_1 or Delay1 Input (or Counter1 RST/SET Input)
105
reg <855:848>
Matrix OUT: IN1 of LUT4_1 or External Clock Input of Delay1 (or Counter1)
106
reg <863:856>
Matrix OUT: IN2 of LUT4_1 or UP Input of FSM1
107
Table 28. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Note: For each Address, the two most significant bits are unused)
Matrix Output
Number


Similar Part No. - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Similar Description - SLG46534

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com