Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46200 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # SLG46200
Description  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 23Page - Dialog Semiconductor SLG46200 Datasheet HTML 24Page - Dialog Semiconductor SLG46200 Datasheet HTML 25Page - Dialog Semiconductor SLG46200 Datasheet HTML 26Page - Dialog Semiconductor SLG46200 Datasheet HTML 27Page - Dialog Semiconductor SLG46200 Datasheet HTML 28Page - Dialog Semiconductor SLG46200 Datasheet HTML 29Page - Dialog Semiconductor SLG46200 Datasheet HTML 30Page - Dialog Semiconductor SLG46200 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
000-0046200-124
Page 22 of 64
SLG46200
11.0 Analog to Digital Converter (ADC)
The Analog to Digital Converter in the SLG46200 is an 8-bit Successive Approximation Register Analog to Digital Converter (SAR
ADC) which operates at a maximum sampling speed of 7.5kHz. User controlled inputs and outputs of the ADC are listed below:
Inputs:
CH SELECTOR: Single-Ended Mode ADC Selection and Analog Input Mux Control Signal
IN+: Single-Ended Mode Input and Differential Mode Positive Input
IN-: Differential Mode Negative Input
EXT. VREF: ADC External Voltage Reference Input
EXT. CLK: ADC External Clock Input
PWR DOWN: ADC Power Down Signal
Outputs:
PGA: Output of the PGA to ACMP0
SER DATA: ADC serial output to PIN 3
PAR DATA: ADC parallel data to either the PWM or DCMP0.
OUT CLK: ADC Clock Output to PIN 4
11.1 ADC Functional Diagram
Figure 9. ADC Functional Diagram
PGA
ADC
Power Down
PGA (To ACMP0)
SER DATA
PAR DATA
1
0
EXT. CLK (PIN 4)
CLK4ADC/64
reg <340>
Bandgap (1.796V)
EXT. VREF (PIN 8)
Power divider (VDD * 0.547)
10
00
01
PWR DOWN
ADC Programmable
Gain Amplifier
reg <342:341>
1
0
PIN 6
PIN 7
reg <350>
ADC_sel
ADC_gndoff_en reg <371>
reg <353:351>
reg <339>
CH SELECTOR (PIN 2)
Logic “1”
VREF
CLK
IN-
IN+
From Connection Matrix output <3>
0
1
0
1
reg <372>
reg <373>
From Connection
Matrix output <12>
S2P SPI output
PIN 3
CH SELECTOR (PIN 2)


Similar Part No. - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Similar Description - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com