Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46200 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG46200
Description  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG46200 Datasheet HTML 1Page - Dialog Semiconductor SLG46200 Datasheet HTML 2Page - Dialog Semiconductor SLG46200 Datasheet HTML 3Page - Dialog Semiconductor SLG46200 Datasheet HTML 4Page - Dialog Semiconductor SLG46200 Datasheet HTML 5Page - Dialog Semiconductor SLG46200 Datasheet HTML 6Page - Dialog Semiconductor SLG46200 Datasheet HTML 7Page - Dialog Semiconductor SLG46200 Datasheet HTML 8Page - Dialog Semiconductor SLG46200 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Silego Technology, Inc.
Rev 1.24
000-0046200-124
Revised August 8, 2014
GreenPAKTM
Programmable Mixed Signal Array
SLG46200
Block Diagram
Features
Logic & Mixed Signal Circuits
Highly Versatile Macro Cells
3.3V Supply
Operating Temperature Range: -40°C to 85°C
RoHS Compliant / Halogen-Free
Pb-Free TDFN-8 2mm x 2mm Package
Applications
Personal Computers and Servers
PC Peripherals
Consumer Electronics
Data Communications Equipment
Handheld and Portable Electronics
Pin Configuration
GND
I/O_PSO
I/O_PSI
I/O_PCLK
I/O
I/O_RST
2
3
4
5
6
7
8
IN_VPP
VDD
1
Thermal Pad
connected to GND
TDFN-8
(Top View)
PIN1
VDD
PIN2
Input
PIN3
I/O
PIN4
I/O
PIN7
I/O
PIN8
I/O
Non-Volatile
Memory
POR
VREF
RC OSC
S2P
PIN6
I/O
PIN5
GND
ACMP1
ACMP0
PWM
ADC
Look-Up Tables
2-bit
LUT0
2-bit
LUT1
3-bit
LUT0
3-bit
LUT1
3-bit
LUT2
3-bit
LUT3
4-bit
LUT0
Digital
Comparator
DCMP0
DCMP1
Counter/Delay
Generators
CNT/DLY0
CNT/DLY1
CNT/DLY2
D Flip-Flops/
Latches
DFF0
DFF1
DFF2


Similar Part No. - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Similar Description - SLG46200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com