Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2601 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP2601
2002-09-25
3
Electrical Characteristics (Ta = 0°C ~70°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
High level output current
IOH
VCC = 5.5V, VO = 5.5V
IF = 250mA, VE = 2.0V
¾
1
250
mA
Low level output voltage
VOL
VCC = 5.5V, IF = 5mA
VE = 2.0V, IOL(sinking) = 13mA
¾
0.4
0.6
V
High level supply current
ICCH
VCC = 5.5V, IF = 0, VE = 0.5V
¾
7
15
mA
Low level supply current
ICCL
VCC = 5.5V, IF = 10mA
VE = 0.5V
¾
12
19
mA
Low level enable current
IEL
VCC = 5.5V, VE = 0.5V
¾
-1.6
-2.0
mA
High level enable current
IEH
VCC = 5.5V, VE = 2.0V
¾
-1
¾
mA
High level enable voltage
VEH
(Note 11)
2.0
¾
¾
Low level enable voltage
VEL
¾
¾
¾
0.8
V
Input forward voltage
VF
IF = 10mA, Ta = 25℃
¾
1.65
1.75
V
Input reverse breakdown
voltage
BVR
IR = 10mA, Ta = 25℃
5
¾
¾
V
Input capacitance
CIN
VF = 0, f = 1MHz
¾
45
¾
pF
Input diode temperature
coefficient
∆VF/∆TA
IF = 10mA
¾
-2.0
¾
mV / °C
Input
-output insulation
leakage current
II-O
Relative humidity = 45%
Ta=25℃, t = 5 second
VI-O = 3000Vdc,
(Note 10)
¾
¾
1
mA
Resistance (input
-output)
RI-O
VI-O = 500V, R.H.≤ 60%
(Note 10)
5×10
10
10
14
¾
W
Capacitance (input
-output)
CI-O
f = 1MHz,
(Note 10)
¾
0.6
¾
pF
(**)All typ.values are at VCC = 5V, Ta = 25°C.


Similar Part No. - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
More results

Similar Description - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
   TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
   TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
   TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com