Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP2601 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2601
Description  TOSHIBA Photocoupler GaALAs Ired & Photo-IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP2601
2002-09-25
4
Switching Characteristics (Ta = 25℃
℃, VCC = 5 V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time to
high output level
tpLH
60
75
ns
Propagation delay time to
low output level
tpHL
60
75
ns
Output rise time(10
-90%)
tr
30
ns
Output fall time(90
-10%)
tf
1
RL = 350Ω, CL = 15pF
IF = 7.5mA
(Note 2), (Note 3),
(Note 4)&(Note 5)
30
ns
Propagation delay time of
enable from VEH to VEL
tELH
25
ns
Propagation delay time of
enable from VEL to VEH
tEHL
2
RL = 350Ω, CL = 15pF
IF = 7.5mA
VEH = 3.0V
VEL = 0.5V
(Note 6)&(Note 7)
25
ns
Common mode transient
immunity at high output
level
CMH
VCM = 400V
RL = 350Ω
VO(min.) = 2V
IF = 0mA,
(Note 9)
1000
10000
V/µs
Common mode transient
immunity at low output
level
CML
3
VCM = 400V
RL = 350Ω
VO(max.) = 0.8V
IF = 7.5mA,
(Note 8)
-1000 -10000
V/µs


Similar Part No. - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
More results

Similar Description - TLP2601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
   TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
   TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
   TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com