Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46140 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 29Page - Dialog Semiconductor SLG46140 Datasheet HTML 30Page - Dialog Semiconductor SLG46140 Datasheet HTML 31Page - Dialog Semiconductor SLG46140 Datasheet HTML 32Page - Dialog Semiconductor SLG46140 Datasheet HTML 33Page - Dialog Semiconductor SLG46140 Datasheet HTML 34Page - Dialog Semiconductor SLG46140 Datasheet HTML 35Page - Dialog Semiconductor SLG46140 Datasheet HTML 36Page - Dialog Semiconductor SLG46140 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 170 page
background image
000-0046140-109
Page 32 of 169
SLG46140
5.10 PGA Specifications
Note 1: RTI - referred to input.
Table 16. Single-Ended PGA Operation, T = (-40 to +85)°C, VDD = (1.71 to 5.5)V, unless otherwise specified
Symbol
Parameter
Description/Note
Conditions
Min.
Typ.
Max.
Unit
Vos
Offset Voltage
(RTI,
see Note 1)
G = 0.25
T = 25°C,
VDD = 5V ±10%
--
±8.5
±50.3
mV
G = 0.5
T = 25°C,
VDD = 2.5 to 5.5 V
--
±5.3
±28.3
mV
G = 1
T = 25°C
--
±2.2
±12.1
mV
G = 2
T = 25°C
--
±3.4
±13.7
mV
G = 4
T = 25°C
--
±3.2
±12.0
mV
G = 8
T = 25°C
--
±3.2
±11.6
mV
dVos/dT
Vos (RTI)
Temperature
Drift
G = 0.25
VDD = 5V ±10%
--
±0.0097
±0.0584
mV/°C
G = 0.5
VDD = 2.5 to 5.5 V
--
±0.0058
±0.0345
mV/°C
G = 1
--
±0.0018
±0.0111
mV/°C
G = 2
--
±0.0031
±0.0186
mV/°C
G = 4
--
±0.0028
±0.0167
mV/°C
G = 8
--
±0.0026
±0.0158
mV/°C
ΔG
Gain Error
G = 0.25
VDD = 5V ±10%
-0.822
0.562
1.945
%
G = 0.5
VDD = 2.5 to 5.5 V
-0.877
0.196
1.260
%
G = 1
-0.118
-0.012
0.093
%
G = 2
-1.361
-0.213
0.935
%
G = 4
-2.169
-0.554
1.060
%
G = 8
-3.616
-1.299
1.018
%
Vind(lin)
Linear
Differential Input
Voltage Range
G = 0.25
VDD = 5V ±10%
273
--
4167
mV
G = 0.5
VDD = 2.5 to 5.5 V
126
--
2153
mV
G = 1
59
--
1145
mV
G = 2
39
--
572
mV
G = 4
23
--
286
mV
G = 8
15
--
144
mV
Vsw
Output Voltage
Swing
--
GND to
1380
--
mV


Similar Part No. - SLG46140

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Similar Description - SLG46140

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com