Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2636 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2636
Description  Silicon NPN Transistor Horizontal Deflection w/Internal Damper Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2636 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2636 Datasheet HTML 1Page - NTE Electronics NTE2636 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2636
Silicon NPN Transistor
Horizontal Deflection w/Internal Damper Diode
Features:
D High Breakdown Voltage: VCES = 1500V
D Built–In Damper Diode
D Isolated TO3PFM Type Package
Applications:
D TV/Character Display Horizontal Deflection Output
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Emitter Voltage, VCES
1500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Peak Current, IC(peak)
9A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Surge Current, IC(surge)
18A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Diode Forward Current, ID
8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Power Dissipation (TC = +25°C), PC
50W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 500mA, IC = 0
6
V
Collector Cutoff Current
ICES
VCE = 1500V, RBE = 0
500
µA
DC Current Transfer Ratio
hFE
VCE = 5V, IC = 1A
25
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 6A, IB = 1.2A
5
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 6A, IB = 1.2A
1.5
V
Collector–Emitter Diode Forward Voltage
VECF
IF = 8A
2.0
V
Fall Time
tf
ICP = 6A, IB1 = 1.2A, IB2 ` –2.4A,
f H = 31.5kHz
0.5
µs


Similar Part No. - NTE2636

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2631 NTE-NTE2631 Datasheet
24Kb / 3P
   Integrated Circuit Quad Differential Line Driver
NTE2632 NTE-NTE2632 Datasheet
25Kb / 3P
   Integrated Circuit Quad Differential Line Receiver
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Frequency Video Driver
NTE2634 NTE-NTE2634 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Frequency Video Driver
More results

Similar Description - NTE2636

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2635 NTE-NTE2635 Datasheet
24Kb / 2P
   Silicon NPN Transistor Horizontal Deflection w/Internal Damper Diode
NTE2353 NTE-NTE2353 Datasheet
21Kb / 2P
   Silicon NPN Transistor TV Horizontal Deflection Output w/Damper Diode
NTE2331 NTE-NTE2331 Datasheet
22Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
NTE2302 NTE-NTE2302 Datasheet
21Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
NTE89 NTE-NTE89 Datasheet
22Kb / 2P
   Silicon NPN Transistor Color TV Horizontal Output w/Internal Damper Diode
NTE2332 NTE-NTE2332 Datasheet
23Kb / 2P
   Darlington Silicon NPN Transistor w/ Internal Damper & Zener Diode
NTE2336 NTE-NTE2336 Datasheet
23Kb / 2P
   Silicon NPN Transistor Darlington Switch w/Internal Damper & Zener Diode
NTE2338 NTE-NTE2338 Datasheet
20Kb / 2P
   Silicon NPN Transistor Darlington Power Amp w/Internal Damper & Zener Diode
NTE2334 NTE-NTE2334 Datasheet
23Kb / 2P
   Silicon NPN Transistor Darlington Driver w/Internal Damper and Zener Diode
NTE256 NTE-NTE256 Datasheet
24Kb / 2P
   Silicon NPN Transistor Darlington w/Damper Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com