Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46108 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # SLG46108
Description  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 23Page - Dialog Semiconductor SLG46108 Datasheet HTML 24Page - Dialog Semiconductor SLG46108 Datasheet HTML 25Page - Dialog Semiconductor SLG46108 Datasheet HTML 26Page - Dialog Semiconductor SLG46108 Datasheet HTML 27Page - Dialog Semiconductor SLG46108 Datasheet HTML 28Page - Dialog Semiconductor SLG46108 Datasheet HTML 29Page - Dialog Semiconductor SLG46108 Datasheet HTML 30Page - Dialog Semiconductor SLG46108 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
000-0046108-108
Page 26 of 69
SLG46108
8.2 Matrix Output Table
Table 18. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number
reg <4:0>
Pin 3 digital out source
0
reg <9:5>
Pin 4 digital out source
1
reg <14:10>
Pin 4 output enable
2
reg <19:15>
in0 of LUT2_0 (Clock Input of DFF0)
3
reg <24:20>
in1 of LUT2_0 (Data Input of DFF0)
4
reg <29:25>
in0 of LUT2_1 (Clock Input of DFF1)
5
reg <34:30>
in1 of LUT2_1 (Data Input of DFF1)
6
reg <39:35>
in0 of LUT2_2
7
reg <44:40>
in1 of LUT2_2
8
reg <49:45>
in0 of LUT2_3
9
reg <54:50>
in1 of LUT2_3
10
reg <59:55>
in0 of LUT3_0 (Clock Input of DFF2 with nReset/nSet)
11
reg <64:60>
in1 of LUT3_0 (Data input of DFF2 with nReset/nSet)
12
reg <69:65>
in2 of LUT3_0 (nRST or nSET of DFF2 with nReset/nSet)13
reg <74:70>
in0 of LUT3_1 (Clock Input of DFF3 with nReset/nSet)
14
reg <79:75>
in1 of LUT3_1 (Data input of DFF3 with nReset/nSet)
15
reg <84:80>
in2 of LUT3_1 (nRST or nSET of DFF3 with nReset/nSet)16
reg <89:85>
in0 of LUT3_2
17
reg <94:90>
in1 of LUT3_2
18
reg <99:95>
in2 of LUT3_2
19
reg <104:100>
in0 of LUT3_3
20
reg <109:105>
in1 of LUT3_3
21
reg <114:110>
in2 of LUT3_3
22
reg <119:115>
in0 of LUT3_4 (Input of pipe delay)
23
reg <124:120>
in1 of LUT3_4 (nRST of pipe delay)
24
reg <129:125>
in2 of LUT3_4 (Clock of pipe delay)
25
reg <134:130>
in0 of LUT4_0 (Input for Delay2 ext. clock or Counter2 external Clock)
26
reg <139:135>
in1 of LUT4_0 (Input for Delay2 or counter2 reset input)
27
reg <144:140>
in2 of LUT4_0 (Input for Counter2 FSM keep signal)
28
reg <149:145>
in3 of LUT4_0 (Input for Counter2 FSM up signal)
29
reg <154:150>
Input for Delay0 or Counter0 reset input
30
reg <159:155>
Input for Delay1 or Counter1 reset input
31
reg <164:160>
Input for Delay 0/1(Counter 0/1) external clock
32
reg <169:165>
Input for Delay3 or Counter3 reset input
33
reg <174:170>
Input for programmable delay (deglitch filter input)
34
reg <179:175>
Power down for osc. (higher priority) (high = power down).
35
reg <184:180>
Pin 6 digital out source
36
reg <189:185>
Pin 7 digital out source
37


Similar Part No. - SLG46108

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

Similar Description - SLG46108

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com