Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL42TG6NJLCH240 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL42TG6NJLCH240
Description  Through Hole Lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42TG6NJLCH240 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL42TG6NJLCH240 Datasheet HTML 1Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 2Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42TG6NJLCH240 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTL42TG6NJLCH240
BNS-OD-FC002/A4
Through Hole Lamp
LTL42TG6NJLCH240
3. Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦0.1ms)
100
mA
DC Forward Current
30
mA
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
50
140
110
400
mcd
IF = 2mA
IF = 20mA
Note 1, 5
Viewing Angle
2θ1/2
100
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
518
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
527
535
nm
Note 4
Spectral Line Half-Width
Δλ
35
nm
Forward Voltage
VF
1.9
2.5
2.6
3.0
3.0
3.8
V
IF = 2mA
IF = 10mA
Reverse Current
IR
10
μA
VR = 5V, Note 6
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
4. Iv classification code is marked on each packing bag.
5.The Iv guarantee should be added ±15% tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.


Similar Part No. - LTL42TG6NJLCH240

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL42TG6NJLCH252 LITEON-LTL42TG6NJLCH252 Datasheet
445Kb / 10P
   Through Hole Lamp
More results

Similar Description - LTL42TG6NJLCH240

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com