Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S281632F-TCL75 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4S281632F-TCL75
Description  128Mb F-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632F-TCL75 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4S281632F-TCL75 Datasheet HTML 4Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 5Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 6Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 7Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 8Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 9Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 10Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 11Page - Samsung semiconductor K4S281632F-TCL75 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 0.2 November. 2003
Preliminary
DC CHARACTERISTICS (x4, x8)
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-75
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
90
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
5
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
25
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
110
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
200
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C2
mA
3
L
800
uA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S2804(08)32F-TC
4. K4S2804(08)32F-TL
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ)
Notes :


Similar Part No. - K4S281632F-TCL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632F-TC60 SAMSUNG-K4S281632F-TC60 Datasheet
142Kb / 14P
   128Mb F-die SDRAM Specification
K4S281632F-TC75 SAMSUNG-K4S281632F-TC75 Datasheet
142Kb / 14P
   128Mb F-die SDRAM Specification
More results

Similar Description - K4S281632F-TCL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F SAMSUNG-K4S280432F Datasheet
142Kb / 14P
   128Mb F-die SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com