Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58FVT321-10 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC58FVT321-10
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321-10 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58FVT321-10 Datasheet HTML 1Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT321-10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
4/48
MODE SELECTION
BYTE MODE WORD MODE
MODE
CE
OE
WE
A9
A6
A1
A0
RESET
/ACC
WP
DQ0~DQ7
(1)
DQ0~DQ15
Read
L
L
H
A9
A6
A1
A0
H
*
DOUT
DOUT
ID Read (Manufacturer Code)
L
L
H
VID
L
L
L
H
*
Code
Code
ID Read (Device Code)
L
L
H
VID
L
L
H
H
*
Code
Code
Standby
H
*
*
*
*
*
*
H
*
High-Z
High-Z
Output Disable
*
H
H
*
*
*
*
*
*
High-Z
High-Z
Write
L
H
(2)
A9
A6
A1
A0
H
*
DIN
DIN
Block Protect 1
L
VID
(2)
VID
L
H
L
H
*
*
*
Verify Block Protect
L
L
H
VID
L
H
L
H
*
Code
Code
Temporary Block Unprotect
*
*
*
*
*
*
*
VID
*
*
*
Hardware Reset / Standby
*
*
*
*
*
*
*
L
*
High-Z
High-Z
Boot Block Protect
*
*
*
*
*
*
*
*
L
*
*
Notes: *
= VIH or VIL, L = VIL, H = VIH
(1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode.
Addresses are A20~A0 in Word Mode ( BYTE
= VIH), A20~A-1 in Byte Mode ( BYTE = VIL).
(2) Pulse input
ID CODE TABLE
CODE TYPE
A20~A12
A6
A1
A0
CODE (HEX)
(1)
Manufacturer Code
*
L
L
L
0098H
TC58FVT321
*
L
L
H
009AH
Device Code
TC58FVB321
*
L
L
H
009CH
Verify Block Protect
BA
(2)
L
H
L
Data
(3)
Notes: *
= VIH or VIL, L = VIL, H = VIH
(1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode.
(2) BA: Block Address
(3) 0001H - Protected Block
0000H - Unprotected Block


Similar Part No. - TC58FVT321-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVT321-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com