Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1262F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB1262F
Description  TOSHIBA BiCMOS INTEGRATED CIRCUIT, SILICON MONOLITHIC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1262F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB1262F Datasheet HTML 6Page - Toshiba Semiconductor TB1262F Datasheet HTML 7Page - Toshiba Semiconductor TB1262F Datasheet HTML 8Page - Toshiba Semiconductor TB1262F Datasheet HTML 9Page - Toshiba Semiconductor TB1262F Datasheet HTML 10Page - Toshiba Semiconductor TB1262F Datasheet HTML 11Page - Toshiba Semiconductor TB1262F Datasheet HTML 12Page - Toshiba Semiconductor TB1262F Datasheet HTML 13Page - Toshiba Semiconductor TB1262F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TB1261F/TB1262F
2002-6-30 10 / 66
Pin
#
Description
59
(47)
Ys(YCbCr)
Ys(YCbCr)
Ys(YCbCr)
Ys(YCbCr)
A fast switch for selecting Y/Cb/Cr2 in (or fast
blanking for scart R/G/B in).
Forced Y/Cb/Cr (or scart R/G/B in)
0.7V -----------------
Selecting by IICBUS
0V -----------------
60
nc;
61
(48)
Y/CVBS1 IN
Y/CVBS1 IN
Y/CVBS1 IN
Y/CVBS1 IN
An alternative input terminal for;
-
Y + Sync signals of Y/C
-
Or CVBS_1
Those two are selected by IICBUS
This terminal is clamped by charging /
discharging the coupling capacitors. It is
recommended that input impedance is kept at
or below 100Ω. Input level 1Vp-p/140IRE
62
(49)
DC RESTOR;
DC RESTOR;
DC RESTOR;
DC RESTOR;
A terminal to be connected with a capacitor to
detect the average picture level for DC
restoration. The ratio of the DC restoration is
set by bus.Leave this terminal open if the DC
restoration is not required. ;
63
nc;
64
nc;
65
(50)
De
De
De
De----Emphasis
Emphasis
Emphasis
Emphasis////Mon
Mon
Mon
Mon----OUT;
OUT;
OUT;
OUT;
A terminal to De-Emphasis Audio signal, and
pick up detected Audio signal. Connect
capacitor (4700pF) to GND. The time constant
50/75us is set by the IICBUS control “SIF
Freq”. Remove the capacitor for connecting
US/JPN sound multiplex system.
66
QFP
only
DAC 3;
DAC 3;
DAC 3;
DAC 3;
A terminal to be output High/ Low status by an
open collector interface. The pull up resistance
should be fixed as a sink current is 1mA or less
and the voltage is less than the voltage of IF
Vcc.
67
(51)
IF Vcc(9V);
IF Vcc(9V);
IF Vcc(9V);
IF Vcc(9V);
A Vcc terminal for Y/C circuit. Supply 9V.;
68
(52)
IF DET OUT;
IF DET OUT;
IF DET OUT;
IF DET OUT;
Detected PIF output terminal.(typical output
level 2.2Vp-p)
Pin
#
Description
69
(53)
LOOP F
LOOP F
LOOP F
LOOP Filter
ilter
ilter
ilter;;;;
A terminal to be connected with loop filter for
PIF PLL. The terminal voltage controls the PIF
VCO frequency.;
70
(54)
DC NF;
DC NF;
DC NF;
DC NF;
A terminal for connecting a capacitor for DC
NF. This filter is very sensitive for the Audio
quality; therefore connect capacitor to a stable
GND point.
In selecting L system, the capacitor works for
PIF AGC filter.
71
(55)
SIF OUT;
SIF OUT;
SIF OUT;
SIF OUT;
An output terminal for a 2’nd SIF signal, which
is mixed down by a regenerated carrier.
72
(56)
IF GND;
IF GND;
IF GND;
IF GND;
The GND terminal for IF circuit.;
73
(1)
SIF
SIF
SIF
SIF IN
IN
IN
IN / H corr.
/ H corr.
/ H corr.
/ H corr.;;;;
An input terminal for 2’nd SIF signal and H.
curve correction.
74
(2)
IF VCC
IF VCC
IF VCC
IF VCC (5V)
(5V)
(5V)
(5V);;;;
A Vcc terminal for the IF circuit. Supply 5V.;
75
76
(3)
(4)
1111’’’’st SIF IN(1)
st SIF IN(1)
st SIF IN(1)
st SIF IN(1);;;;
1111’’’’st SIF IN(2)
st SIF IN(2)
st SIF IN(2)
st SIF IN(2);;;;
Input terminals for 1’st SIF signals.
If not using Split input, leave these pins open,
and turn the IICBUS bit of “Spl/ Int” [s0C/d7]
to “1”
77
Nc ( to GND );
Nc ( to GND );
Nc ( to GND );
Nc ( to GND );
Connect this pin to GND to isolate PIF and
1stSIF input.
78
(5)
RF AGC;
RF AGC;
RF AGC;
RF AGC;
An output terminal for RF AGC. A pull up
resistor is required because of its open collector
output. A de-coupling capacitor should be also
connected to adjust the response.
79
80
(6)
(7)
IF IN
IF IN
IF IN
IF IN(1)
(1)
(1)
(1);;;;
IF IN
IF IN
IF IN
IF IN(2);
(2);
(2);
(2);
Input terminals for IF signals. Pin 6 and 7 are
the both input poles of a differential amplifier.
The normal input level is 90dB(uV); input
impedance is 1.5 k ohms.


Similar Part No. - TB1262F

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1263A TAI-SAW-TB1263A Datasheet
334Kb / 7P
   SAW Filter 112MHz 1.0MHz BW (SMD 7.0횞5.0mm)
TB1265A TAI-SAW-TB1265A Datasheet
383Kb / 8P
   IF SAW Filter 256MHz SMD 7.0X5.0mm
More results

Similar Description - TB1262F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9044AFNG TOSHIBA-TB9044AFNG Datasheet
740Kb / 42P
   TOSHIBA BiCMOS Integrated Circuit Silicon Monolithic
2019-12-10
TB9083FTG TOSHIBA-TB9083FTG Datasheet
2Mb / 131P
   Toshiba BiCMOS Linear Integrated Circuits — silicon monolithic
2022-11-22 Rev.1.6
TB6674PG TOSHIBA-TB6674PG Datasheet
522Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
TB6600FG TOSHIBA-TB6600FG Datasheet
1Mb / 36P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-03-03
TB67H400AFNG TOSHIBA-TB67H400AFNG Datasheet
372Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S209FTG TOSHIBA-TB67S209FTG Datasheet
559Kb / 30P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-10-27
TB62208FNG TOSHIBA-TB62208FNG Datasheet
441Kb / 25P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-01-28
TB67S508FTG TOSHIBA-TB67S508FTG Datasheet
559Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-03-01
TB62214FG TOSHIBA-TB62214FG Datasheet
696Kb / 27P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2010-06-10
TB62216FG TOSHIBA-TB62216FG Datasheet
489Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2012-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com