Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB5D1M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TB5D1M
Description  QUAD DIFFERENTIAL PECL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5D1M Datasheet(HTML) 7 Page - Texas Instruments

Back Button TB5D1M Datasheet HTML 3Page - Texas Instruments TB5D1M Datasheet HTML 4Page - Texas Instruments TB5D1M Datasheet HTML 5Page - Texas Instruments TB5D1M Datasheet HTML 6Page - Texas Instruments TB5D1M Datasheet HTML 7Page - Texas Instruments TB5D1M Datasheet HTML 8Page - Texas Instruments TB5D1M Datasheet HTML 9Page - Texas Instruments TB5D1M Datasheet HTML 10Page - Texas Instruments TB5D1M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
test conditions
CL
200
200
100
CL
OUTPUT
OUTPUT
CL
75
75
100
CL
OUTPUT
OUTPUT
Note: All input pulses are supplied by a generator having the following characteristics: tr or tf = 1 ns, pulse repetition rate
(PRR) = 0.25 Mbps, pulse width = 500
± 10 ns. CP includes the instrumentation and fixture capacitance within 0,06 m of the D.U.T.
The measurement of VOC(PP) is made on test equipment with a –3 dB bandwidth of at least 1 GHz.
CL
200
200
50
CL
CP = 2 pF
50
VOC
VOC(PP)
VOH
VOL
OUTPUT
VOC
CL
75
75
50
CL
CP = 2 pF
50
VOC
Note: VOC(PP) load circuit for 5-V nominal supplies.
Note: VOC(PP) load circuit for 3.3-V nominal supplies.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
TB5D1M, TB5D2H
SLLS579B – SEPTEMBER 2003 – REVISED MAY 2004
Parametric values specified under the Electrical Characteristics and Switching Characteristics sections are
measured with the following output load circuit.
Figure 3. Driver Test Circuits, 5-V Nominal Supplies
Figure 4. Driver Test Circuits, 3.3-V Nominal Supplies
Figure 5. Test Circuits and Definitions for the Driver Common-Mode Output Voltage
7


Similar Part No. - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MD TI1-TB5D1MD Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1MDE4 TI1-TB5D1MDE4 Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
More results

Similar Description - TB5D1M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com