Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YAT-10-D Datasheet(PDF) 1 Page - Mini-Circuits

Part # YAT-10-D
Description  Fixed Attenuator Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-10-D Datasheet(HTML) 1 Page - Mini-Circuits

  YAT-10-D Datasheet HTML 1Page - Mini-Circuits YAT-10-D Datasheet HTML 2Page - Mini-Circuits YAT-10-D Datasheet HTML 3Page - Mini-Circuits YAT-10-D Datasheet HTML 4Page - Mini-Circuits YAT-10-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microwave Precision
Fixed Attenuator Die
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Excellent power handling, up to 2W
• Wideband, DC to 26.5 GHz
• Usable to 40 GHz
• Unpackaged die form
Product Overview
YAT-D-series MMIC attenuator dice (RoHS compliant) are fixed value, absorptive attenuators fabricated
using highly repetitive MMIC processing with thin film resistors on GaAs substrates. They contain through-
wafer Cu metallization vias to realize low thermal resistance and very wideband operation. YAT attenuator
dice are available from stock with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20,
and 30 dB.
Feature
Advantages
Wideband operation, DC to 26.5 GHz
Usable to 40 GHz
YAT-D-series attenuator dice support a wide array of applications including wire-
less cellular, microwave communications, satellite, defense and aerospace, medical
broadband and optical applications. They are also usable in applications up to 40
GHz such as 5G systems (See application note AN-70-019).
High power handling, up to 2W
Power handling up to 2W makes YAT attenuator dice suitable for a wide range of
system power requirements.
Wide range of nominal attenuation values:
• 0 to 10 dB (in 1 dB steps) and 12, 15, 20
and 30 dB
Small increment offerings enable circuit designers to change attenuation values without
motherboard redesign, making the YAT-D-series ideal for adjusting attenuation values
based on test results.
Excellent attenuation flatness
Provides precise, consistent attenuation across the entire frequency band, ideal for broad-
band and multi-band usage.
Unpackaged die
Enables the user to integrate the attenuator die directly into hybrids.
YAT-D-SERIES
Key Features
50
Up to 2W
DC to 26.5 GHz


Similar Part No. - YAT-10-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-10A MINI-YAT-10A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-10A++ MINI-YAT-10A+ Datasheet
5Mb / 13P
   Fixed Attenuator
More results

Similar Description - YAT-10-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com