Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW1780 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # IW1780
Description  Rapid Charge AC/DC Digital
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1780 Datasheet(HTML) 5 Page - Dialog Semiconductor

  IW1780 Datasheet HTML 1Page - Dialog Semiconductor IW1780 Datasheet HTML 2Page - Dialog Semiconductor IW1780 Datasheet HTML 3Page - Dialog Semiconductor IW1780 Datasheet HTML 4Page - Dialog Semiconductor IW1780 Datasheet HTML 5Page - Dialog Semiconductor IW1780 Datasheet HTML 6Page - Dialog Semiconductor IW1780 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
iW1780
Rapid Charge™ AC/DC Digital
Quasi-Resonant PWM Controller
Rev. 1.6
Product Summary
© 2015 Dialog Semiconductor
www.dialog-semiconductor.com
5 of 7
18-Dec-2015
6 Physical Dimensions
Compliant to JEDEC Standard MS12F
Controlling dimensions are in inches; millimeter dimensions are for reference only
This product is RoHS compliant and Halide free.
Soldering Temperature Resistance:
[a] Package is IPC/JEDEC Std 020D moisture sensitivity level 1
[b] Package exceeds JEDEC Std No. 22-A111 for solder immersion resistance; package can withstand
10 s immersion < 260˚C
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall
not exceed 0.15 mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or
protrusion shall not exceed 0.25 mm per side.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the
outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
8-Lead Small Outline (SOIC) Package
COPLANARITY
0.10 (0.004)
8
5
4
1
SEATING
PLANE
A1
E
H
B
D
e
A
A2
C
L
α
h x 45°
Inches
Millimeters
MIN
0.0040
A1
MAX
MIN
MAX
0.010
0.10
0.25
0.053
A
0.069
1.35
1.75
0.014
B
0.019
0.35
0.49
0.007
C
0.010
0.19
0.25
0.189
D
0.197
4.80
5.00
0.150
E
0.157
3.80
4.00
0.050 BSC
e
1.27 BSC
0.228
H
0.244
5.80
6.20
0.10
h
0.020
0.25
0.50
0.016
L
0.049
0.4
1.25
α
0.049
A2
0.059
1.25
1.50
Figure 6.1 : 8-Lead Small Outline (SOIC) Package


Similar Part No. - IW1780

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1780H DIALOG-IW1780H Datasheet
408Kb / 6P
   Rapid Charge??AC/DC Digital
logo
Renesas Technology Corp
IW1780H RENESAS-IW1780H Datasheet
524Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H-21 RENESAS-IW1780H-21 Datasheet
524Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H-27 RENESAS-IW1780H-27 Datasheet
524Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H-28 RENESAS-IW1780H-28 Datasheet
524Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
More results

Similar Description - IW1780

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1780H DIALOG-IW1780H Datasheet
408Kb / 6P
   Rapid Charge??AC/DC Digital
IW1781 DIALOG-IW1781 Datasheet
366Kb / 6P
   Rapid Charge??AC/DC Digital Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1782 RENESAS-IW1782 Datasheet
537Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
IW1780H RENESAS-IW1780H Datasheet
524Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller
26-Jan-2022
logo
Dialog Semiconductor
IW662 DIALOG-IW662 Datasheet
605Kb / 8P
   AC/DC Secondary-Side Synchronous Rectification and Rapid Charge
logo
Renesas Technology Corp
IW1781 RENESAS-IW1781 Datasheet
541Kb / 6P
   Rapid Charge™ AC/DC Digital Quasi-Resonant PWM Controller with High Resolution Voltage/Current Control
26-Jan-2022
logo
Dialog Semiconductor
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
   AC/DC Primary-Side Rapid ChargeTM PWM Controller
IW1790 DIALOG-IW1790 Datasheet
471Kb / 7P
   Highly Integrated AC/DC Primary-Side Rapid ChargeTM PWM
logo
List of Unclassifed Man...
PS-DXF ETC2-PS-DXF Datasheet
189Kb / 2P
   Nickel Cadmium Batteries High Capacity Rapid Charge
logo
Renesas Technology Corp
IW662 RENESAS-IW662 Datasheet
566Kb / 7P
   AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM Interface Controller for Qualcomm® Quick Charge™ 3.0
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com