Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58040UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58040UMITR
Description  ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58040UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58040UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58040UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SY58040U
Micrel
M9999-072904
hbwhelp@micrel.com or (408) 955-1690
Rev.: A
Amendment: /0
Issue Date:
July 2004
DESCRIPTION
s Provides crosspoint switching between any input
pair to any output pair
s Guaranteed AC performance over temperature and
voltage:
• DC to >5Gbps throughput
• <350ps propagation delay
• <60ps tr /tf times
• <25ps skew (output-to-output)
s Unique, patent-pending, channel-to-channel
isolation design provides superior crosstalk
performance
s Ultra-low jitter design:
• <1psrms random jitter
• <10pspp deterministic jitter
• <10pspp total jitter (clock)
• <0.7psrms crosstalk-induced jitter
s Unique, patent-pending, 50
input termination
extended CMVR, and VT pin accepts DC- and AC-
coupled differential inputs
s 400mV CML output swing
s 50
source terminated outputs minimize round-trip
reflections
s Power supply 2.5V
±5% or 3.3V ±10%
s –40
°C to +85°C temperature range
s Available in 44-pin (7mm
××××× 7mm) MLF™ package
FEATURES
ULTRA PRECISION 4
×××××4 CML
SWITCH WITH INTERNAL
I/O TERMINATION
Precision Edge™
SY58040U
APPLICATIONS
s Data communication systems
s All SONET/SDH data/clock applications
s All Fibre Channel applications
s All Gigabit Ethernet applications
The SY58040U is a low jitter, low skew, high-speed 4
×4
crosspoint switch optimized for precision telecom and
enterprise server/storage distribution applications. The
SY58040U distributes clock frequencies from DC to 4GHz,
and data rates to 5Gbps guaranteed over temperature and
voltage.
The SY58040U differential input includes Micrel’s unique,
3-pin input termination architecture that directly interfaces
to any differential signal (AC or DC-coupled) as small as
100mV (200mVpp) without any level shifting or termination
resistor networks in the signal path. The outputs are 50
source-terminated CML with extremely fast rise/fall times
guaranteed to be less than 60ps.
The SY58040U features a patent-pending isolation design
that significantly improves on channel-to-channel crosstalk
performance.
The SY58040U operates from a 2.5V
±5% or 3.3V ±10%
supply and is guaranteed over the full industrial temperature
range of –40
°C to +85°C. The SY58040U is part of Micrel’s
high-speed, Precision Edge™ product line.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Precision Edge is a trademark of Micrel, Inc.
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
Precision Edge™


Similar Part No. - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040UMITR MICREL-SY58040UMITR Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040UMITR MICREL-SY58040UMITR Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58040UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58040U MICREL-SY58040U_09 Datasheet
501Kb / 12P
   ULTRA PRECISION 4 X 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_07 Datasheet
181Kb / 12P
   ULTRA PRECISION 4 4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58025U_0708 MICREL-SY58025U_0708 Datasheet
332Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com