Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N024-09P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUD50N024-09P
Description  N-Channel 22-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N024-09P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD50N024-09P Datasheet HTML 1Page - Vishay Siliconix SUD50N024-09P Datasheet HTML 2Page - Vishay Siliconix SUD50N024-09P Datasheet HTML 3Page - Vishay Siliconix SUD50N024-09P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
D PWM Optimized for High Efficiency
APPLICATIONS
D High-Side Synchronous Buck DC/DC
Conversion
− Desktop
− Server
SUD50N024-09P
Vishay Siliconix
Document Number: 72290
S-41168—Rev. B, 14-Jun-04
www.vishay.com
1
N-Channel 22-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)d
24c
0.0095 @ VGS = 10 V
49
24c
0.017 @ VGS = 4.5 V
36
D
G
S
N-Channel MOSFET
TO-252
S
GD
Top View
Drain Connected to Tab
Ordering Information: SUD50N024-09P
SUD50N024-09P—E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Pulse Voltage
VDS(pulse)
24C
Drain-Source Voltage
VDS
22
V
Gate-Source Voltage
VGS
"20
Continuous Drain Currenta
TC = 25_C
ID
49d
Continuous Drain Currenta
TC= 100_C
ID
34d
Pulsed Drain Current
IDM
100
A
Continuous Source Current (Diode Conduction)a
IS
4.3
Avalanche Current, Single Pulse
L = 0.1 mH
IAS
29
Avalanche Energy, Single Pulse
EAS
42
mJ
Maximum Power Dissipation
TA = 25_C
PD
6.5a
W
Maximum Power Dissipation
TC = 25_C
PD
39.5
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambienta
t v 10 sec
R
19
23
Maximum Junction-to-Ambienta
Steady State
RthJA
40
50
_C/W
Maximum Junction-to-Case
RthJC
3.1
3.8
C/W
Notes
a.
Surface Mounted on FR4 Board, t v 10 sec.
b.
Limited by package
c.
Pulse condition: TA = 105_C, 50 ns, 300 kHz operation
d.
Calculation based on maximum allowable Junction Temperature. Package limitation current is 25 A.


Similar Part No. - SUD50N024-09P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD50N024-09P-E3 VBSEMI-SUD50N024-09P-E3 Datasheet
916Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUD50N024-09P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N024-06 VISHAY-SUD50N024-06 Datasheet
45Kb / 4P
   N-Channel 22-V (D-S) 175C MOSFET
Rev. A, 30-Jun-03
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
SUM16N20-125 VISHAY-SUM16N20-125 Datasheet
48Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com