Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C554DIQ64 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C554DIQ64
Description  QUAD UART WITH 16-BYTE FIFOS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554DIQ64 Datasheet(HTML) 3 Page - Exar Corporation

  ST16C554DIQ64 Datasheet HTML 1Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 2Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 3Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 4Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 5Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 6Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C554DIQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ST16C554/554D/68C554
3
Rev. 3.10
Figure 2, Block Diagram 16 Mode
D0-D7
-IOR
-IOW
RESET
A0-A2
-CS A-D
INT A-D
-RXRDY
-TXRDY
INTSEL
-DTR A-D
-RTS A-D
-CTS A-D
-RI A-D
-CD A-D
-DSR A-D
TX A-D
RX A-D
XTAL1
XTAL2
Modem
Control
Logic
Transmit
FIFO
Registers
Transmit
Shift
Register
Receive
FIFO
Registers
Receive
Shift
Register


Similar Part No. - ST16C554DIQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64 EXAR-ST16C554DIQ64 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - ST16C554DIQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
   High Performance UART with 128 byte FIFOs
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
List of Unclassifed Man...
OX16C954 ETC-OX16C954 Datasheet
529Kb / 54P
   High Performance Quad UART with 128-byte FIFOs Intel / Motorola Bus Interface
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com