Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST34C87 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST34C87
Description  QUAD RS-422 CMOS Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST34C87 Datasheet(HTML) 5 Page - Exar Corporation

  ST34C87 Datasheet HTML 1Page - Exar Corporation ST34C87 Datasheet HTML 2Page - Exar Corporation ST34C87 Datasheet HTML 3Page - Exar Corporation ST34C87 Datasheet HTML 4Page - Exar Corporation ST34C87 Datasheet HTML 5Page - Exar Corporation ST34C87 Datasheet HTML 6Page - Exar Corporation ST34C87 Datasheet HTML 7Page - Exar Corporation ST34C87 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST34C87
5
Rev. 1.01
ENABLE
ENABLE*
INPUT X
OUTPUT X+
OUTPUT X-
T3
T3
T4
T4
T1
T1
T1
T1
T2
T2
90%
10%
90%
10%
OUTPUT X+
OUTPUT X-
T5
50%
50%
Figure 4. Differential Line Driver Timing


Similar Part No. - ST34C87

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST34C86 STMICROELECTRONICS-ST34C86 Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
ST34C86BD STMICROELECTRONICS-ST34C86BD Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
ST34C86BDR STMICROELECTRONICS-ST34C86BDR Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
ST34C86BN STMICROELECTRONICS-ST34C86BN Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
ST34C86BTR STMICROELECTRONICS-ST34C86BTR Datasheet
191Kb / 10P
   CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
September 2002
More results

Similar Description - ST34C87

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com