Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65917-Q1 Datasheet(PDF) 59 Page - Texas Instruments

Part # TPS65917-Q1
Description  Power Management Unit (PMU) for Processor
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65917-Q1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TPS65917-Q1_18 Datasheet HTML 55Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 56Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 57Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 58Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 59Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 60Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 61Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 62Page - Texas Instruments TPS65917-Q1_18 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
59
TPS65917-Q1
www.ti.com
SLVSCO4C – JULY 2015 – REVISED MARCH 2017
Submit Documentation Feedback
Product Folder Links: TPS65917-Q1
Detailed Description
Copyright © 2015–2017, Texas Instruments Incorporated
5.12 Control Interfaces
The TPS65917-Q1 device has two, exclusive selectable (from factory settings) interfaces; 2 high-speed
I2C interfaces (I2C1_SCL_SCK or I2C1_SDA_SDI and I2C2_SCL_SCE or I2C2_SDA_SDO) or 1 SPI
(I2C1_SCL_SCK, I2C1_SDA_SDI, I2C2_SDA_SDO, or I2C2_SCL_SCE). Both are used to fully control
and configure the device and have access to all the registers. When the I2C configuration is selected
(either I2C1_SCL_SCK or I2C1_SDA_SDI) a general purpose control (GPC) interface is dedicated to
configure the device and the I2C2_SCL_SCE or I2C2_SDA_SDO interface, dynamic voltage scaling
(DVS) is dedicated to dynamically change the output voltage of the SMPS converters. The DVS I2C
interface has access only to the voltage scaling registers of the SMPS converters (R/W mode).
5.12.1 I
2C Interfaces
The GPC I2C interface (I2C1_SCL_SCK and I2C1_SDA_SDI) is dedicated to access the configuration
registers of all the resources of the system.
The DVS I2C interface (I2C2_SCL_SCE and I2C_SDA_SDO) is dedicated to access the DVS registers
independently from the GPC I2C.
The control interfaces comply with the HS-I2C specification and support the following features:
Mode: Slave only (receiver and transmitter)
Speed:
Standard mode (100 kbps)
Fast mode (400 kbps)
High-speed mode (3.4 Mbps)
Addressing: 7-bit mode addressing device
The following features are not supported:
10-bit addressing
General call
Master mode (bus arbitration and clock generation)
I2C is a 2-wire serial interface developed by NXP (formerly Philips Semiconductor) (see I2C-Bus
Specification and user manual, Rev 03, June 2007). The bus consists of a data line (SDA) and a clock line
(SCL) with pullup structures. When the bus is idle, the SDA and SCL lines are pulled high. All the I2C-
compatible devices connect to the I2C bus through open-drain I/O pins, SDA and SCL. A master device,
usually a microcontroller or a digital signal processor, controls the bus. The master is responsible for
generating the SCL signal and device addresses. The master also generates specific conditions that
indicate the start and stop of data transfers. A slave device receives data, transmits data, or both on the
bus under control of the master device. The data transfer protocol for standard and fast modes is exactly
the same. In this data sheet, these modes are referred to as F/S mode. The protocol for high-speed (HS)
mode is different from F/S mode.
5.12.1.1 I2C Implementation
The TPS65917-Q1 standard I2C 7-bit slave device address is set to 010010xx (binary) where the two
least-significant bits are used for page selection.
The device is organized in five internal pages of 256 bytes (registers) as follows:
Slave device address 0x48: Power registers
Slave device address 0x49: Interfaces and auxiliaries
Slave device address 0x4A: Trimming and test
Slave device address 0x4B: OTP
Slave device address 0x12: DVS
The device address for the DVS I2C interface is set to 0x12.


Similar Part No. - TPS65917-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results

Similar Description - TPS65917-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com