Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65916 Datasheet(PDF) 37 Page - Texas Instruments

Part # TPS65916
Description  3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65916 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TPS65916_18 Datasheet HTML 33Page - Texas Instruments TPS65916_18 Datasheet HTML 34Page - Texas Instruments TPS65916_18 Datasheet HTML 35Page - Texas Instruments TPS65916_18 Datasheet HTML 36Page - Texas Instruments TPS65916_18 Datasheet HTML 37Page - Texas Instruments TPS65916_18 Datasheet HTML 38Page - Texas Instruments TPS65916_18 Datasheet HTML 39Page - Texas Instruments TPS65916_18 Datasheet HTML 40Page - Texas Instruments TPS65916_18 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
Switch-on
event
RESET_OUT
Power-up sequence
POWERHOLD
Device maintained
ACTIVE for 8 seconds
Device switch off starts
with no delay
VCC_SENSE
VRTC
VIO
RC 32kHz
RESET_OUT
t2
t1
37
TPS65916
www.ti.com
SLVSD09B – MARCH 2016 – REVISED MARCH 2017
Submit Documentation Feedback
Product Folder Links: TPS65916
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
5.3.4
Device Power Up Timing
Figure 5-4 shows the timing diagram of the TPS65916 after the first supply detection.
Figure 5-4. TPS65916 Power-Up Sequence After FSD
The time t1 is the delay from VCC crossing the POR threshold to VIO rising up. The time t1 must be at
least 6 ms. If the time from VCC to VIO is less than 6 ms, the VIO buffers will be supplied while the OTP
is still being initialized, which could cause glitches on any VIO output buffer. Supplying VIO at least 6 ms
after supplying VCC ensures that the OTP is initialized and output buffers are held low when VIO is
supplied.
The time t2 is the delay between the start of the power-up sequence and the RESET_OUT release. The
RESET_OUT resource is released when the power-up sequence is complete. The duration of the power-
up sequence depends on OTP programming.
5.3.5
Power-On Acknowledge
The PMIC is designed to support the following power-on acknowledge modes: POWERHOLD mode and
AUTODEVON mode.
5.3.5.1
POWERHOLD Mode
In POWERHOLD mode, the power-on acknowledge is received through a dedicated pin, POWERHOLD.
When an ON request is received, the device initiates the power-up sequence and asserts the
RESET_OUT pin high while the device is in the ACTIVE state (reset released). The device remains in
ACTIVE state for a fixed delay of 8 seconds and then automatically shuts down. During this timeframe, to
keep the device active, the host processor must assert and keep the POWERHOLD pin high. The device
interprets a the high to low transition of the POWERHOLD pin as an OFF request.
Figure 5-5 shows the POWERHOLD mode timing diagram.
Figure 5-5. POWERHOLD Mode Timing Diagram


Similar Part No. - TPS65916_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916_17 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
More results

Similar Description - TPS65916_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916 Datasheet
1Mb / 84P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916_17 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
LP87702 TI-LP87702 Datasheet
4Mb / 98P
[Old version datasheet]   LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com