Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65680 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65680
Description  18-Channel Pattern-Programmable Level Shifter with Overcurrent Protection
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65680 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TPS65680 Datasheet HTML 61Page - Texas Instruments TPS65680 Datasheet HTML 62Page - Texas Instruments TPS65680 Datasheet HTML 63Page - Texas Instruments TPS65680 Datasheet HTML 64Page - Texas Instruments TPS65680 Datasheet HTML 65Page - Texas Instruments TPS65680 Datasheet HTML 66Page - Texas Instruments TPS65680 Datasheet HTML 67Page - Texas Instruments TPS65680 Datasheet HTML 68Page - Texas Instruments TPS65680 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 268 page
background image
65
TPS65680
www.ti.com
SLVSE46A – NOVEMBER 2017 – REVISED JANUARY 2018
Product Folder Links: TPS65680
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7.6.1.24 Register MUX1 (slave address: 0b100001x; register address: 0x30; default: 0x00)
Back to Register Map.
Figure 50. Register MUX1 Format
7
6
5
4
3
2
1
0
GCK3_4_MUX
GCK1_2_MUX
GSP2_MUX[2:0]
GSP1_MUX[2:0]
R/W
R/W
R/W
R/W
OTP
OTP
OTP
OTP
LEGEND: R/W = Read/Write; R = Read only ; -- = No NVM option; ROM = Read Only Memory; OTP = One Time Programmable; EEPROM
= EEPROM
Table 26. Register MUX1 Field Descriptions
Bit
Field
Type
Reset
Description
7
GCK3_4_MUX
R/W
0
Data source selection for GCK3 and GCK4 outputs.
0 : GCK3 data source is C2, GCK4 data source is C2A.
1 : GCK4 data source is C2, GCK3 data source is C2A.
6
GCK1_2_MUX
R/W
0
Data source selection for GCK1 and GCK2 outputs.
0 : GCK1 data source is C1, GCK2 data source is C1A.
1 : GCK2 data source is C1, GCK1 data source is C1A.
5:3
GSP2_MUX[2:0]
R/W
000
Data source selection for GSP2 output.
000 : GSP2 data source is D1.
001 : GSP2 data source is D1A.
010 : GSP2 data source is D2.
011 : GSP2 data source is D2A.
100 : GSP2 data source is D3.
101 : GSP2 is low.
110 : GSP2 is high.
111 : GSP2 is high.
2:0
GSP1_MUX[2:0]
R/W
000
Data source selection for GSP1 output.
000 : GSP1 data source is D1.
001 : GSP1 data source is D1A.
010 : GSP1 data source is D2.
011 : GSP1 data source is D2A.
100 : GSP1 data source is D3.
101 : GSP1 is low.
110 : GSP1 is high.
111 : GSP1 is high.


Similar Part No. - TPS65680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631DPDR TI1-TPS65631DPDR Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631WDSKR TI1-TPS65631WDSKR Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
More results

Similar Description - TPS65680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLHV18T3244 ONSEMI-NLHV18T3244 Datasheet
202Kb / 10P
   18-Channel Level Shifter
May, 2013 ??Rev. 0
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
NXP Semiconductors
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
NXP Semiconductors
IP4776CZ38 NXP-IP4776CZ38 Datasheet
114Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 04-12 June 2007
IP4776CZ38 NXP-IP4776CZ38_11 Datasheet
167Kb / 15P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 6-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com