Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65321A-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65321A-Q1
Description  36-V Step-Down Converter With Eco-mode and LDO Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65321A-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65321A-Q1 Datasheet HTML 6Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 7Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 8Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 9Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 10Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 11Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 12Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 13Page - Texas Instruments TPS65321A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
TPS65321A-Q1
SLVSE55 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS65321A-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS65321A-Q1 device is a 36-V, 3.2-A, DC-DC step-down converter (also referred to as a buck regulator)
with a 280-mA low-dropout (LDO) linear regulator. Both of these regulators have low quiescent consumption
during a light load to prolong battery life.
The buck regulator improves performance during line and load transients by implementing a constant-frequency
and current-mode control (CCM) that reduces output capacitance which simplifies external frequency-
compensation design. The wide switching frequency of 100 kHz to 2500 kHz allows for efficiency and size
optimization when selecting the output-filter components. The switching frequency is adjusted by using a resistor
to ground on the RT/CLK pin. The buck regulator has an internal phase-locked loop (PLL) on the RT/CLK pin
that synchronizes the power-switch turnon to the falling edge of an external system clock.
The TPS65321A-Q1 device reduces the external component count by integrating the boot recharge diode. A
capacitor between the BOOT pin and the SW pin supplies the bias voltage for the integrated high-side MOSFET.
The TPS65321A-Q1 device can operate at high duty cycles under the dropout mode operation. The output
voltage can step-down to as low as the 0.8-V reference. The soft start minimizes inrush currents and provides
power-supply sequencing during power up. Connect a small-value capacitor to the pin to adjust the soft-start
time. For critical power-supply sequencing requirements couple a resistor divider to the pin.
The LDO regulator consumes only about a 35-µA current in light load. The LDO regulator also tracks the battery
when the battery voltage is low (in a cold-crank condition).
The buck regulator of the TPS65321A-Q1 device has a power-good open-drain output (nRST) that asserts low
when the regulated output voltage is less than 90% (typical) of the nominal output voltage.


Similar Part No. - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65321QPWPRQ1 TI1-TPS65321QPWPRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
More results

Similar Description - TPS65321A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com