Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1304-007 Datasheet(PDF) 3 Page - Alpha Industries

Part # SMP1304-007
Description  Low Distortion Attenuator Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1304-007 Datasheet(HTML) 3 Page - Alpha Industries

  SMP1304-007 Datasheet HTML 1Page - Alpha Industries SMP1304-007 Datasheet HTML 2Page - Alpha Industries SMP1304-007 Datasheet HTML 3Page - Alpha Industries SMP1304-007 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304 Series
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 1/01A
4
31
2
43
12
SMP1304-019 (PI)
SMP1304-007
In the -007 configuration of the SOT-23 package, the
package inductance is effectively reduced to 0.4 nH, in
comparison to the 1.5 nH value of the standard
configuration. This lower inductance will be particularly
beneficial when the diodes are used as shunt connected
switches at frequencies higher than 500 MHz, where
inductance is the primary limitation on maximum switch
isolation.
To achieve the effective 0.4 nH, the SOT-23 package must
be inserted in the microstrip circuit board with a gap in the
trace, as shown in the figure. Because of the polarity of
the diode junction, this low inductance feature is only
realizable with the cathode connected to ground.
SMP1304-019 PI Attenuator PIN Diodes
The SMP1304-019 employ three PIN diode junctions in
a SOT-143 package. They are configured for ease of
insertion in PI attenuator circuits commonly used from 10
MHz to beyond 1 GHz. The SMP1304 PIN diode junction
was designed for low capacitance, wide resistance
dynamic range and low distortion performance.
RR
R
R
R
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
1590.0
1660.0
1752.0
1770.0
1760.0
0.10
315.0
340.0
367.0
396.0
409.0
0.30
108.0
118.0
128.0
141.0
147.0
1.00
34.5
37.9
41.6
46.3
48.8
10.00
4.8
5.3
5.8
6.6
7.0
20.00
3.0
3.3
3.6
4.1
4.3
100.00
1.3
1.4
1.5
1.7
1.8
Resistance vs. Temperature @ 100 MHz
Ground
Gap


Similar Part No. - SMP1304-007

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1304-005 SKYWORKS-SMP1304-005 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005LF SKYWORKS-SMP1304-005LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-006LF SKYWORKS-SMP1304-006LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
More results

Similar Description - SMP1304-007

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com