Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91842DT-27-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI91842DT-27-T1
Description  150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91842DT-27-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

  SI91842DT-27-T1 Datasheet HTML 1Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 2Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 3Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 4Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 5Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 6Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 7Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 8Page - Vishay Siliconix SI91842DT-27-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Si91842/4
Vishay Siliconix
New Product
Document Number: 71732
S-20478—Rev. C, 01-Apr-02
www.vishay.com
7
TYPICAL WAVEFORMS
Load Transient Response-1
ILOAD
100 mA/div
VOUT
10 mV/div
VOUT = 3.0 V
COUT = 1 mF
ILOAD = 1 to 150 mA
trise = 2 msec
Load Transient Response-2
VOUT = 3.0 V
COUT = 1 mF
ILOAD = 150 to 1 mA
tfall = 2 msec
20
ms/div
ILOAD
100 mA/div
VOUT
10 mV/div
LineTransient Response-1
VOUT
10 mV/div
VIN
2 V/div
VINSTEP = 4 to 5 V
VOUT = 3 V
COUT = 1 mF
CIN = 1 mF
ILOAD = 150 mA
trise = 5 msec
20
ms/div
LineTransient Respons-2
VINSTEP = 5 to 4 V
VOUT = 3 V
COUT = 1 mF
CIN = 1 mF
ILOAD = 150 mA
tfall = 5 msec
20
ms/div
20
ms/div
VOUT
10 mV/div
VIN
2 V/div


Similar Part No. - SI91842DT-27-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Similar Description - SI91842DT-27-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com