Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS8110Z Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS8110Z
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS8110Z Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS8110Z Datasheet HTML 2Page - NXP Semiconductors PBSS8110Z Datasheet HTML 3Page - NXP Semiconductors PBSS8110Z Datasheet HTML 4Page - NXP Semiconductors PBSS8110Z Datasheet HTML 5Page - NXP Semiconductors PBSS8110Z Datasheet HTML 6Page - NXP Semiconductors PBSS8110Z Datasheet HTML 7Page - NXP Semiconductors PBSS8110Z Datasheet HTML 8Page - NXP Semiconductors PBSS8110Z Datasheet HTML 9Page - NXP Semiconductors PBSS8110Z Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 12568
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2004
6 of 12
Philips Semiconductors
PBSS8110Z
100 V, 1 A NPN low VCEsat (BISS) transistor
VCE =10V.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
VCE =10V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
Fig 3.
DC current gain as a function of collector
current; typical values.
Fig 4.
Base-emitter voltage as a function of collector
current; typical values.
IC/IB = 10.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
IC/IB = 20; Tamb =25 °C.
Fig 5.
Collector-emitter saturation voltage as a
function of collector current; typical values.
Fig 6.
Collector-emitter saturation voltage as a
function of collector current; typical values.
001aaa497
200
400
600
hFE
0
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
001aaa495
VBE
(mV)
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
600
400
800
1000
200
(1)
(2)
(3)
001aaa504
IC (mA)
10−1
104
103
1102
10
102
103
VCEsat
(mV)
10
001aaa505
IC (mA)
10−1
104
103
1102
10
102
103
VCEsat
(mV)
10


Similar Part No. - PBSS8110Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
logo
Nexperia B.V. All right...
PBSS8110Z NEXPERIA-PBSS8110Z Datasheet
269Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 January 2007
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z_15 Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
More results

Similar Description - PBSS8110Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com