Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2560 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2560
Description  Evaluation Kits
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2560 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2560 Datasheet HTML 1Page - Maxim Integrated Products MAX2560 Datasheet HTML 2Page - Maxim Integrated Products MAX2560 Datasheet HTML 3Page - Maxim Integrated Products MAX2560 Datasheet HTML 4Page - Maxim Integrated Products MAX2560 Datasheet HTML 5Page - Maxim Integrated Products MAX2560 Datasheet HTML 6Page - Maxim Integrated Products MAX2560 Datasheet HTML 7Page - Maxim Integrated Products MAX2560 Datasheet HTML 8Page - Maxim Integrated Products MAX2560 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX2560/MAX2566/MAX2572 evaluation kits (EV
kits) simplify testing of the MAX2560/MAX2566/
MAX2572. The EV kits provide 50Ω SMA connectors for
all RF inputs, baseband inputs, and RF outputs. On-
board VCOs are provided for the on-chip PLLs.
The EV kits allow evaluation of the MAX2560/MAX2566/
MAX2572s’ I/Q modulator, RF upconverter, IF and RF
VGAs, IF and RF PLLs, 3-wire programmable interface,
and power-management features.
The MAX2560/MAX2566/MAX2572 support CDMA,
TDMA, and EDGE modes for US PCS and cellular
bands, as well as W-CDMA mode for UMTS band. The
MAX2566/MAX2572 also support GSM-GPRS mode for
all four bands.
Features
♦ On-Board PCS and Cellular VCOs
♦ WCDMA, GSM900, DCS1800, GSM1900 Modes
(MAX2566/MAX2572 EV Kits)
♦ 50Ω SMA Connectors on All RF and Baseband
Ports
♦ Low-Power Shutdown Mode
♦ EV-Kit Control Software Available at
www.maxim-ic.com
♦ SPITM/QSPITM/MICROWIRETM Compatible
MAX2560/MAX2566/MAX2572 Evaluation Kits
________________________________________________________________ Maxim Integrated Products
1
DESIGNATION
QTY
DESCRIPTION
C1
1
4.7pF
±0.1pF ceramic capacitor (0402)
Murata GRP1555C1H4R7B
C2, C4, C39
3
33pF
±5% ceramic capacitors (0402)
Murata GRP1555C1H330J
C3, C7, C116
3
10µF
±10% ceramic capacitors (1206)
Murata GRM31CR60J106K
C5
1
6.8pF
±0.1pF capacitor (0402)
Murata GRP1555C1H6R8B
MAX2560 Component List
Ordering Information
19-3368; Rev 0; 7/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
IC PACKAGE
MAX2560EVKIT
-40
°C to +85°C
48 QFN-EP*
MAX2566EVKIT
-40
°C to +85°C
48 QFN-EP*
MAX2572EVKIT
-40
°C to +85°C
48 QFN-EP*
SUPPLIER
PHONE
FAX
WEBSITE
AVX
803-946-0690
803-626-3123
www.avxcorp.com
Coilcraft
847-639-6400
847-639-1469
www.coilcraft.com
Murata
770-436-1300
770-436-3030
www.murata.com
Taiyo Yuden
408-573-4150
408-573-4159
www.t-yuden.com
TOKO
708-297-0070
708-699-1194
www.toko.com
Component Suppliers
Note: Indicate that you are using the MAX2560/MAX2566/MAX2572 when contacting these component suppliers.
*EP = Exposed paddle.
DESIGNATION
QTY
DESCRIPTION
C6, C8, C9, C11,
C12, C14, C15,
C17, C18, C20,
C27, C28, C29,
C34, C35, C47,
C48, C50, C51,
C53, C54, C56,
C58, C59, C64,
C66, C93, C94,
C102–C106,
C112–C115
37
Open
C10
1
3.3µF
±10% ceramic capacitor (0805)
Murata GRM21BR60J335K
C13, C16, C31,
C32, C41, C42,
C55
7
0.022µF
±10% ceramic capacitors
(0402)
Murata GRP155R71C223K
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.


Similar Part No. - MAX2560

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25600 MAXIM-MAX25600 Datasheet
602Kb / 9P
   8V to 48V Input Voltage Range
Rev 0; 5/19
MAX25600EVKIT MAXIM-MAX25600EVKIT Datasheet
602Kb / 9P
   8V to 48V Input Voltage Range
Rev 0; 5/19
MAX25600EVKIT# MAXIM-MAX25600EVKIT# Datasheet
602Kb / 9P
   8V to 48V Input Voltage Range
Rev 0; 5/19
MAX25601A MAXIM-MAX25601A Datasheet
566Kb / 9P
   Configured for Pre-Boost and Buck Application
Rev 0; 10/19
MAX25601EVKIT MAXIM-MAX25601EVKIT Datasheet
566Kb / 9P
   Configured for Pre-Boost and Buck Application
Rev 0; 10/19
More results

Similar Description - MAX2560

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
logo
ATMEL Corporation
ATSAM3N-EK ATMEL-ATSAM3N-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com