Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6600-10 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6600-10
Description  Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-10 Datasheet(HTML) 1 Page - Linear Technology

  LT6600-10 Datasheet HTML 1Page - Linear Technology LT6600-10 Datasheet HTML 2Page - Linear Technology LT6600-10 Datasheet HTML 3Page - Linear Technology LT6600-10 Datasheet HTML 4Page - Linear Technology LT6600-10 Datasheet HTML 5Page - Linear Technology LT6600-10 Datasheet HTML 6Page - Linear Technology LT6600-10 Datasheet HTML 7Page - Linear Technology LT6600-10 Datasheet HTML 8Page - Linear Technology LT6600-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6600-10
1
6600f
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Programmable Differential Gain via Two External
Resistors
s
Adjustable Output Common Mode Voltage
s
Operates and Specified with 3V, 5V,
±5V Supplies
s
0.5dB Ripple 4th Order Lowpass Filter with 10MHz
Cutoff
s
82dB S/N with 3V Supply and 2VP-P Output
s
Low Distortion, 2VP-P, 800Ω Load
1MHz: 88dBc 2nd, 97dBc 3rd
5MHz: 74dBc 2nd, 77dBc 3rd
s
Fully Differential Inputs and Outputs
s
SO-8 Package
s
Compatible with Popular Differential Amplifier
Pinouts
Very Low Noise, Differential
Amplifier and 10MHz Lowpass Filter
s
High Speed ADC Antialiasing and DAC Smoothing in
Networking or Cellular Base Station Applications
s
High Speed Test and Measurement Equipment
s
Medical Imaging
s
Drop-in Replacement for Differential Amplifiers
The LT
®6600-10 combines a fully differential amplifier
with a 4th order 10MHz lowpass filter approximating a
Chebyshev frequency response. Most differential amplifi-
ers require many precision external components to tailor
gain and bandwidth. In contrast, with the LT6600-10, two
external resistors program differential gain, and the filter’s
10MHz cutoff frequency and passband ripple are internally
set. The LT6600-10 also provides the necessary level
shifting to set its output common mode voltage to accom-
modate the reference voltage requirements of A/Ds.
Using a proprietary internal architecture, the LT6600-10
integrates an antialiasing filter and a differential amplifier/
driver without compromising distortion or low noise
performance. At unity gain the measured in band
signal-to-noise ratio is an impressive 82dB. At higher
gains the input referred noise decreases so the part can
process smaller input differential signals without signifi-
cantly degrading the output signal-to-noise ratio.
The LT6600-10 also features low voltage operation. The
differential design provides outstanding performance for
a 2VP-P signal level while the part operates with a single 3V
supply.
For similar devices with other cutoff frequencies, refer to
the LT6600-20 and LT6600-2.5.
+
+
RIN
402
RIN
402
0.01
µF
0.1
µF
49.9
49.9
18pF
5V
5V
+
VMID
VOCM
VIN
VCM
AIN
V+
V
DOUT
LT6600-10
LTC1748
3
4
1
7
2
8
5
6
6600 TA01a
GAIN = 402
Ω/RIN
1
µF
FREQUENCY (MHz)
0
4
8
12
16
20
24
28
32
6600 TA01b
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
INPUT IS A 4.7MHz SINEWAVE
2VP-P
fSAMPLE = 66MHz
An 8192 Point FFT Spectrum


Similar Part No. - LT6600-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-10 LINER-LT6600-10 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6600-10 LINER-LT6600-10 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6600-10 LINER-LT6600-10 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT6600-10 LINER-LT6600-10 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results

Similar Description - LT6600-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-10 LINER-LT6604-10_15 Datasheet
208Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com