Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LM75A
Description  Digital temperature sensor and thermal Watchdog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LM75A Datasheet HTML 5Page - NXP Semiconductors LM75A Datasheet HTML 6Page - NXP Semiconductors LM75A Datasheet HTML 7Page - NXP Semiconductors LM75A Datasheet HTML 8Page - NXP Semiconductors LM75A Datasheet HTML 9Page - NXP Semiconductors LM75A Datasheet HTML 10Page - NXP Semiconductors LM75A Datasheet HTML 11Page - NXP Semiconductors LM75A Datasheet HTML 12Page - NXP Semiconductors LM75A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
2004 Oct 05
9
Configuration register
The Configuration register is a write/read register and contains an 8-bit non-complement data byte that is used to configure the device for
different operation conditions. The Configuration register table (Table 5) shows the bit assignments of this register.
Table 5. Configuration register table
Bit
Name
R/W
POR
Description
B7–B5
Reserved
R/W
000
Reserved for the manufacterer use.
B4–B3
OS Fault queue
R/W
00
For OS Fault Queue programming.
Programmable queue data = 0, 1 ,2, 3 for queue value = 1, 2, 4, 6 respectively. Default = 0.
B2
OS Polarity
R/W
0
For OS Polarity selection.
1 = OS active HIGH, 0 = OS active LOW (default).
B1
OS Comp/Interrupt
R/W
0
For OS operation Mode selection.
1 = OS interrupt, 0 = OS comparator (default).
B0
Shut-down
R/W
0
For Device Operation Mode selection.
1 = Shut-down, 0 = Normal (default).
Temperature register (Temp)
The Temp register holds the digital result of temperature measurement or monitor at the end each A-to-D conversion. This register is read only
and contains two 8-bit data bytes consisting of one most significant (MS) data byte and one least significant (LS) data byte. However, only 11
bits of those two bytes are used to store the Temp data in 2’s complement format with the resolution of 0.125
°C. The Temp register table
(Table 6) shows the bit arrangement of the Temp data in the data bytes.
Table 6. Temp register table
Temp MS byte
Temp LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
Temp data (11 bits)
Not used
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
Notice that when the Temp register is read, all 16 bits are provided to the bus and must be all collected by the controller to complete the bus
operation. However, only the 11 significant bits should be used, and the 5 LSB bits of the LS byte are zero and should be ignored. One of the
ways to calculate the Temp value in
°C from the 11-bit Temp data is:
1. If the Temp data MSB bit D10 = 0 then the temperature is positive and
Temp value (
°C) = + (Temp data) * 0.125 °C
2. If the Temp data MSB bit D10 = 1 then the temperature is negative and
Temp value (
°C) = – (2’s complement of Temp data) * 0.125 °C
The Temp table (Table 7) shows examples of the Temp data and value.
Table 7. Temp table
Temp data
Temp value
11–bit Binary (2’s complement)
3-bit Hex
Decimal value
°C
0111 1111 000
3F8h
1016
+127.000
°C
0111 1110 111
3F7h
1015
+126.875
°C
0111 1110 001
3F1h
1009
+126.125
°C
0111 1101 000
3E8h
1000
+125.000
°C
0001 1001 000
0C8h
200
+25.000
°C
0000 0000 001
001h
1
+0.125
°C
0000 0000 000
000h
0
0.000
°C
1111 1111 111
7FFh
–1
–0.125
°C
1110 0111 000
738h
–200
–25.000
°C
11001001 001
649h
–439
–54.875
°C
1100 1001 000
648h
–440
–55.000
°C
Obviously, for 9-bit Temp data application in replacing the industry standard LM75, just use only 9 MSB bits of the two bytes and disregard
7 LSB bits of the LS byte. The 9-bit temp data with 0.5
°C resolution of the LM75A is defined exactly in the same way as for the standard LM75
and it is here similar to the Tos and Thyst that is described next.


Similar Part No. - LM75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
NXP Semiconductors
LM75AD NXP-LM75AD Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

Similar Description - LM75A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com