Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V36104L15PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V36104L15PF
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36104L15PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V36104L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V36104L15PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
COMMERCIALTEMPERATURERANGE
IDT72V3684/72V3694/72V36104 3.3V CMOS SyncBiFIFOTM WITH
BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65 and 536 x 36 x 2
9
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30pF
IDT72V3684L10
IDT72V3684L15
IDT72V3694L10
IDT72V3694L15
IDT72V36104L10
IDT72V36104L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑toB0-B35
2
6.5
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FFA/IRA and CLKB↑
2
6.5
2
8
ns
to
FFB/IRB
tREF
Propagation Delay Time, CLKA
↑ to EFA/ORAandCLKB↑
1
6.5
1
8
ns
to
EFB/ORB
tPAE
Propagation Delay Time, CLKA
↑ to AEA and CLKB↑ to
1
6.5
1
8
ns
AEB
tPAF
Propagation Delay Time, CLKA
↑ to AFAand CLKB↑ to
1
6.5
1
8
ns
AFB
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or MBF2
0
6.5
0
8
ns
HIGH and CLKB
↑ to MBF2 LOW or MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1)and CLKB↑
38
2
10
ns
to A0-A35(2)
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to
3
6.5
2
10
ns
B0-B35 valid
tRSF
Propagation Delay Time,
MRS1 or PRS1 LOW to AEB
110
1
15
ns
LOW,
AFA HIGH, and MBF1 HIGH and MRS2 or PRS2
LOW to
AEA LOW, AFB HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA or W/RA LOW to A0-A35 Active and
2
6
2
10
ns
CSB LOW and W/RB HIGH to B0-B35 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at high-
1
6
1
8
ns
impedance and
CSB HIGH or W/RB LOW to B0-B35 at
high-impedance
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
(Vcc = 3.3V ± 0.15V; TA = 0ο C to +70ο C; JEDEC JESD8-A compliant)


Similar Part No. - IDT72V36104L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Similar Description - IDT72V36104L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com