Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3684 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3684
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3684 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3684 Datasheet HTML 7Page - Integrated Device Technology IDT72V3684 Datasheet HTML 8Page - Integrated Device Technology IDT72V3684 Datasheet HTML 9Page - Integrated Device Technology IDT72V3684 Datasheet HTML 10Page - Integrated Device Technology IDT72V3684 Datasheet HTML 11Page - Integrated Device Technology IDT72V3684 Datasheet HTML 12Page - Integrated Device Technology IDT72V3684 Datasheet HTML 13Page - Integrated Device Technology IDT72V3684 Datasheet HTML 14Page - Integrated Device Technology IDT72V3684 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
COMMERCIALTEMPERATURERANGE
IDT72V3684/72V3694/72V36104 3.3V CMOS SyncBiFIFOTM WITH
BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65 and 536 x 36 x 2
11
Once the Master Reset (
MRS1, MRS2) input is HIGH, a LOW on the BE/
FWFTinputduringthenextLOW-to-HIGHtransitionofCLKA(forFIFO1)and
CLKB (for FIFO2) will select FWFT mode. This mode uses the Output Ready
function (ORA, ORB) to indicate whether or not there is valid data at the data
outputs (A0-A35 or B0-B35). It also uses the Input Ready function (IRA, IRB)
to indicate whether or not the FIFO memory has any free space for writing.
In the FWFT mode, the first word written to an empty FIFO goes directly to data
outputs, no read request necessary. Subsequent words must be accessed
by performing a formal read operation.
Following Master Reset, the level applied to the BE/
FWFTinputtochoose
the desired timing mode must remain static throughoutFIFOoperation.Refer
to Figure 3 (Master Reset) for a First Word Fall Through select timing diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
Four registers in the IDT72V3684/72V3694/72V36104 are used to hold the
offset values for the Almost-Empty and Almost-Full flags. The Port B Almost-
Emptyflag(
AEB)OffsetregisterislabeledX1andthePortAAlmost-Emptyflag
(
AEA) Offset register is labeled X2. The Port A Almost-Full flag (AFA) Offset
register is labeled Y1 and the Port B Almost-Full flag (
AFB) Offset register is
labeled Y2. The index of each register name corresponds to its FIFO number.
TheoffsetregisterscanbeloadedwithpresetvaluesduringtheresetofaFIFO,
programmed in parallel using the FIFO’s Port A data inputs, or programmed
in serial using the Serial Data (SD) input (see Table 1).
FS0/SD, FS1/
SEN and FS2 function the same way in both IDT Standard
and FWFT modes.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisterswith
oneofthefivepresetvalueslistedinTable1,theflagselectinputsmustbeHIGH
or LOW during a master reset. For example, to load the preset value of 64 into
X1andY1,FS0,FS1andFS2mustbeHIGHwhenFlFO1reset(
MRS1)returns
HIGH. Flag-offset registers associated with FIFO2 are loaded with one of the
preset values in the same way with FIFO2 Master Reset (
MRS2), toggled
simultaneously with FIFO1 Master Reset (
MRS1). For relevant preset value
loading timing diagram, see Figure 3.
— PARALLEL LOAD FROM PORT A
To program the X1, X2, Y1, and Y2 registers from Port A, perform a Master
Reset on both FlFOs simultaneously with FS2 HIGH or LOW, FS0 and FS1
LOWduringtheLOW-to-HIGHtransitionofMRS1andMRS2.ThestateofFS2
at this point of reset will determine whether the parallel programming method
has Interspersed Parity or Non-Interspersed Parity. Refer to Table 1 for Flag
Programming Flag Offset setup . It is important to note that once parallel
programming has been selected during a Master Reset by holding both FS0
& FS1 LOW, these inputs must remain LOW during all subsequent FIFO
operation. They can only be toggled HIGH when future Master Resets are
performed and other programming methods are desired.
After this reset is complete, the first four writes to FIFO1 do not store data in
RAM but load the Offset registers in the order Y1, X1, Y2, X2. For Non-
InterspersedParitymodethePortAdatainputsusedbytheOffsetregistersare
(A13-A0), (A14-A0), or (A15-A0) for the IDT72V3684, IDT72V3694, or
IDT72V36104, respectively. For Interspersed Parity mode the Port A data
inputs used by the Offset registers are (A14-A9, A7-A0), (A15-A9, A7-A0), or
(A16-A9, A7-A0) for the IDT72V3684, IDT72V3694, or IDT72V36104,
respectively. The highest numbered input is used as the most significant bit of
the binary number in each case. Valid programming values for the registers
range from 1 to 16,380 for the IDT72V3684; 1 to 32,764 for the IDT72V3694;
and 1 to 65,532 for the IDT72V36104. After all the offset registers are
NOTES:
1. X1 register holds the offset for
AEB; Y1 register holds the offset for AFA.
2. X2 register holds the offset for
AEA; Y2 register holds the offset for AFB.
3. When this method of parallel programming is selected, Port A will assume Non-Interspersed Parity.
4. When IP Mode is selected, only parallel programming of the offset values via Port A, can be performed and Port A will assume Interspersed Parity.
5. IF parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
FS2
FS1/
SEN
FS0/SD
MRS1
MRS2
X1 AND Y1 REGlSTERS(1)
X2 AND Y2 REGlSTERS(2)
HH
H
X64
X
HH
H
X
X64
HH
L
X16
X
HH
L
X
X16
HL
H
X8
X
HL
H
X
X8
LH
H
X
256
X
LH
H
X
X
256
LL
H
X
1,024
X
LL
H
X
X
1,024
LH
L
↑↑
Serial programming via SD
Serial programming via SD
HL
L
↑↑
Parallel programming via Port A(3,5)
Parallel programming via Port A(3,5)
LL
L
↑↑
IP Mode(4, 5)
IP Mode(4, 5)
TABLE 1 — FLAG PROGRAMMING


Similar Part No. - IDT72V3684

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3680 IDT-IDT72V3680 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3680 RENESAS-IDT72V3680 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3680L10PF IDT-IDT72V3680L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L15PF IDT-IDT72V3680L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L75PF IDT-IDT72V3680L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3684

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com