Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA320NJ40C Datasheet(PDF) 2 Page - International Rectifier

Part # HFA320NJ40C
Description  HEXFRED Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA320NJ40C Datasheet(HTML) 2 Page - International Rectifier

  HFA320NJ40C Datasheet HTML 1Page - International Rectifier HFA320NJ40C Datasheet HTML 2Page - International Rectifier HFA320NJ40C Datasheet HTML 3Page - International Rectifier HFA320NJ40C Datasheet HTML 4Page - International Rectifier HFA320NJ40C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA320NJ40C
PD-2.449 rev. B 02/99
2
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
400 ––– –––
V
IR = 100µA
VFM
Max Forward Voltage
––– 1.10 1.35
IF = 160A
––– 1.30 1.55
V
IF = 320A
See Fig. 1
––– 1.00 1.20
IF = 160A, TJ = 125°C
IRM
Max Reverse Leakage Current
––– 2.0
12
µA
VR = VR Rated
––– 3.0
16
mA
TJ = 125°C, VR = 320V
CT
Junction Capacitance
––– 370 500
pF
VR = 200V
See Fig. 3
From top of terminal hole to mounting
plane
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
LS
Series Inductance
–––
5.0
–––
nH
See Fig. 2
Parameter
Min. Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
–––
45
–––
IF = 1.0A, dif /dt = 200A/µs, VR = 30V
trr1
–––
90
140
ns
TJ = 25°C See Fig.
trr2
––– 290 440
TJ = 125°C
5
IF = 160A
IRRM1
Peak Recovery Current
––– 8.7
20
TJ = 25°C See Fig.
IRRM2
–––
18
30
TJ = 125°C
6
VR = 200V
Qrr1
Reverse Recovery Charge
––– 420 1100
TJ = 25°C See Fig.
Qrr2
––– 2600 7000
TJ = 125°C
7
dif /dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
––– 300 –––
TJ = 25°C See Fig.
di(rec)M/dt2 During tb
––– 280 –––
TJ = 125°C
8
63.50 (2.500)
60.96 (2.400)
23.55 (0.927)
20.42 (0.804)
14.99 (0.590)
15.75 (0.620)
20.32 (0.800)
17.78 (0.700)
39.75 (1.565)
40.26 (1.585)
80.01 (3.150)
34.925 (1.375)
3.35 (0.132)
3.02 (0.119)
90.17 (3.550)
92.71 (3.650)
DIA.
7.49 (0.295)
6.99 (0.275)
(2 PLCS.)
10.41 (0.410)
9.65 (0.380)
DIA.
DIA.
4.70 (0.185)
4.95 (0.195)
1/4-20 SLOTTED HEX
REF.
Dimensions in Millimeters and (Inches)
CONFORMS TO JEDEC
OUTLINE TO-244AB
1
2
3
LEAD ASSIGNMENTS
1 - ANODE
2 - CATHODE
3 - ANODE


Similar Part No. - HFA320NJ40C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA320NJ40CPBF VISHAY-HFA320NJ40CPBF Datasheet
141Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 320 A
Revision: 01-Aug-08
More results

Similar Description - HFA320NJ40C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA140NJ60C IRF-HFA140NJ60C Datasheet
320Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA06PB120 IRF-HFA06PB120 Datasheet
188Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA100MD60C IRF-HFA100MD60C Datasheet
309Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60 IRF-HFA105NH60 Datasheet
293Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA16PA120C IRF-HFA16PA120C Datasheet
124Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA135NH40R IRF-HFA135NH40R Datasheet
338Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com