Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR01-24S33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DUR01-24S33
Description  standard building blocks for on-board distributed power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DUR01-24S33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DUR01-24S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers DUR01-24S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
1 Watt max
Voltage accuracy
Full load and nominal Vin
± 5%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
3.3V & 5V output
others
1.3%/1% of Vin
1.2%/1% of Vin
Load regulation
10% to 100% FL
3.3V & 5V output
others
± 15%
± 10%
Ripple and noise
20MHz bandwidth
100mVp-p
Temperature coefficient
I0.1% / ºC, max
Short circuit protection
Short term
INPUT SPECIFICATIONS
Input voltage range
3.3V nominal input
5V nominal input
12V nominal input
15V nominal input
24V nominal input
3.0 – 3.6VDC
4.5 – 5.5VDC
10.8 – 13.2VDC
13.5 – 16.5VDC
21.6 – 26.4VDC
Input filter
Capacitor
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1000VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
80pF, typ.
Switching frequency
90KHz, typ
Design meet safety standard
UL1950, EN60950
Case material
Non-conducted black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
0.45 X 0.24 X 0.40 Inch
(11.5 X 6.0 X 10.2 mm)
Weight
1.5g (0.053oz)
MTBF (Note 2)
1.137 x 10
9 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-40ºC ~ +85ºC
(with derating)
Storage temperature range
-55ºC ~ +105ºC
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
T E CH NI C A L SP E C I F IC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
The DUR01 series are the standard building blocks for on-board distributed power
systems. They are ideally suited to providing single and dual supplies on primarily
digital boards with added benefit of galvanic isolation to reduce switching noise. All
of the rated power may be drawn from a single pin provided the total load does not
exceed 1 watt.
1 WATT UNREGULATED OUTPUT POWER
4 PIN SINGLE-IN-LINE PACKAGE (SIP)
HIGH EFFICIENCY FOR LOW POWER APPLICATION
UL 94-V0 NON-CONDUCTED CASE
INTERNAL INPUT & OUTPUT FILTER
INPUT / OUTPUT ISOLATION UP TO 1KVDC


Similar Part No. - DUR01-24S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-24S33 P-DUKE-DUR01-24S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DUR01-24S33 RSG-DUR01-24S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DUR01-24S33 P-DUKE-DUR01-24S33 Datasheet
217Kb / 2P
   1WATTS DC-DC CONVERTER
More results

Similar Description - DUR01-24S33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL500I TI-TL500I Datasheet
787Kb / 14P
[Old version datasheet]   ANALOG TO DIGITAL CONVERTER BUILDING BLOCKS
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
logo
Linear Technology
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
FSP TECHNOLOGY INC.
CB1266F FSP-CB1266F Datasheet
83Kb / 1P
   12V building blocks easily configurable to 154V battery
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
PHOENIX CONTACT
103986 PHOENIX-103986 Datasheet
362Kb / 11P
   Primary-switched power supply for building automation
07/2009
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com