Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM813LCUA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # ASM813LCUA
Description  Low Power UP Supervisor Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM813LCUA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button ASM813LCUA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM813LCUA Datasheet HTML 15Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ASM705 / 706 / 707 / 708
11 of 15
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.2
July 2004
Package Dimensions (contd)
Plastic DIP (8-Pin)
Inches
Millimeteres
Min
Max
Min
Max
A
-
0.210
-
5.33
A1
0.015
-
0.38
-
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
b3
0.030
0.045
0.80
1.14
D
0.355
0.400
9.02
10.16
D1
0.005
-
0.13
-
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100
-
2.54
eA
0.300
-
7.62
eB
-
0.430
-
10.92
eC
-
0.060
L
0.115
0.150
2.92
3.81
A
A1
L
b
b2
e
D
E
E1
eC
eA
eB
D1
0° -15°


Similar Part No. - ASM813LCUA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM813LCUA ALSC-ASM813LCUA Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM813LCUA PULSECORE-ASM813LCUA Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
ON Semiconductor
ASM813LCUA ONSEMI-ASM813LCUA Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM813LCUA-T ALSC-ASM813LCUA-T Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM813LCUAF ALSC-ASM813LCUAF Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
More results

Similar Description - ASM813LCUA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
   LOW-POWER 關P SUPERVISOR CIRCUITS
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Micrel Semiconductor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com