Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1212WR Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BF1212WR
Description  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1212WR Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BF1212WR Datasheet HTML 6Page - NXP Semiconductors BF1212WR Datasheet HTML 7Page - NXP Semiconductors BF1212WR Datasheet HTML 8Page - NXP Semiconductors BF1212WR Datasheet HTML 9Page - NXP Semiconductors BF1212WR Datasheet HTML 10Page - NXP Semiconductors BF1212WR Datasheet HTML 11Page - NXP Semiconductors BF1212WR Datasheet HTML 12Page - NXP Semiconductors BF1212WR Datasheet HTML 13Page - NXP Semiconductors BF1212WR Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2003 Nov 14
10
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1212; BF1212R; BF1212WR
handbook, full pagewidth
DUT
C1
4.7 nF
R1
10 k
MGS315
C4
4.7 nF
L1
2.2 µH
C3
4.7 nF
RL
50
VGG
VAGC
VDS
RGEN
50
VI
R2
50
4.7 nF
C2
RG1
Fig.21 Cross-modulation test set-up.
Table 1
Scattering parameters: VDS =5V; VG2-S =4V; ID = 12 mA; Tamb =25 °C
Table 2
Noise data: VDS =5V; VG2-S =4V; ID = 12 mA; Tamb =25 °C
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
50
0.990
−3.39
3.288
176.5
0.0005
86.9
0.990
−1.66
100
0.988
−6.76
3.280
173.0
0.0011
85.6
0.990
−3.30
200
0.983
−13.40
3.261
166.1
0.0021
81.2
0.991
−6.62
300
0.974
−19.86
3.218
159.0
0.0030
77.5
0.991
−9.92
400
0.969
−26.46
3.205
152.6
0.0039
74.6
0.994
−13.30
500
0.958
−32.73
3.141
145.9
0.0045
72.4
0.994
−16.56
600
0.947
−38.83
3.086
139.5
0.0049
70.9
0.993
−19.77
700
0.936
−44.75
3.017
133.1
0.0051
69.5
0.991
−22.78
800
0.924
−50.51
2.949
126.9
0.0051
69.9
0.981
−25.77
900
0.910
−56.18
2.870
120.5
0.0049
69.8
0.984
−28.72
1000
0.896
−61.64
2.785
114.7
0.0045
72.7
0.980
−31.77
f
(MHz)
Fmin
(dB)
Γopt
Rn
(
Ω)
(ratio)
(deg)
400
0.9
0.695
13.87
28.5
800
1.1
0.634
30.30
32.85


Similar Part No. - BF1212WR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1212WR NXP-BF1212WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF1212WR

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com