Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4284EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4284EEE
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4284EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4284EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4174/MAX4175/MAX4274/MAX4275 Fixed-Gain
Amplifiers (continued)
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
Gain = +5V/V
Gain = +3V/V
Gain = +1.25V/V
No sustained oscillations
f = 10kHz (Note 5)
Output settling to 1%
CONDITIONS
970
970
1700
pF
470
CLOAD
Capacitive Load Stability
nV/
√Hz
90
en
Input Noise Voltage Density
ms
1
Power-Up Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5V, VOUT = 4V step
V/µs
0.7
SR
Slew Rate
Gain = +51V/V
Gain = +25V/V
Gain = +10V/V
kHz
330
BW-3dB
-3dB Bandwidth
590
640
f = 10kHz
fA/
√Hz
4
in
Input Noise Current Density
VCC = 5V, VOUT = 4V step
µs
7
Settling Time to Within
0.01%
(VEE + 25mV) < VOUT < (VCC - 25mV),
RL = 100kΩ (Note 6)
%
0.1
0.5
DC Gain Accuracy
ELECTRICAL CHARACTERISTICS—MAX4281/MAX4282/MAX4284 Open-Loop Op Amps
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
Guaranteed by CMRR test
V
VEE - 0.15
VCC - 1.2
Guaranteed by PSRR tests
CMVR
Common-Mode Input
Voltage Range
Differential or common mode
CONDITIONS
RIN
Input Resistance
M
1000
V
2.5
5.5
VCC
Supply Voltage Range
±10
±1000
nA
±0.05
±10
IBIAS
Input Bias Current
µV/°C
Input Offset Voltage Drift
±5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
pA
IOS
Input Offset Current
VCC = 3V
µA
290
450
ICC
Supply Current
(per Amplifier)
RL = 100kΩ
mV
±0.5
±2
VOS
Input Offset Voltage
VCC = 5V
µA
320
500
CIN
Input Capacitance
pF
2.5
VEE - 0.15V ≤ VCM ≤ VCC - 1.2V
dB
60
90
CMRR
Common-Mode Rejection
Ratio
VCC = 2.5V to 5.5V
dB
70
90
PSRR
Power-Supply Rejection
Ratio
AV = 1V/V
0.02
ROUT
Closed-Loop Output
Impedance


Similar Part No. - MAX4284EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4285 MAXIM-MAX4285 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285ESA MAXIM-MAX4285ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285EUT-T MAXIM-MAX4285EUT-T Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286 MAXIM-MAX4286 Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286ESA MAXIM-MAX4286ESA Datasheet
377Kb / 16P
   3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
More results

Similar Description - MAX4284EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4074 MAXIM-MAX4074 Datasheet
412Kb / 20P
   Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
19-1526; Rev 1; 10/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4236 MAXIM-MAX4236 Datasheet
455Kb / 14P
   SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Rev 0; 8/01
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com