Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5929AHEEG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5929AHEEG
Description  Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5929AHEEG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5929AHEEG Datasheet HTML 1Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 2Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 3Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 4Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 5Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 6Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 7Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 8Page - Maxim Integrated Products MAX5929AHEEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX5927/MAX5929 +1V to +13.2V quad hot-swap
controllers provide complete protection for multisupply
systems. They allow the safe insertion and removal of cir-
cuit cards into live backplanes. These devices hot swap
multiple supplies ranging from +1V to +13.2V, provided
one supply is at or above +2.7V and only one supply is
above +11.0V. The input voltage rails (channels) can be
configured to sequentially turn-on/off, track each other,
or have completely independent operation.
The discharged filter capacitors of the circuit card pro-
vide low impedance to the live backplane. High inrush
currents from the backplane to the circuit card can burn
up connectors and components, or momentarily collapse
the backplane power supply leading to a system reset.
The MAX5927/MAX5929 hot-swap controllers prevent
such problems by gradually ramping up the output volt-
age and regulating the current to a preset limit when the
board is plugged in, allowing the system to stabilize
safely. After the startup cycle is complete, on-chip com-
parators provide VariableSpeed/BiLevel™ protection
against short-circuit and overcurrent faults, and provide
immunity against system noise and load transients. The
load is disconnected in the event of a fault condition. The
MAX5929A automatically restarts after a fault condition,
while the MAX5929L must be unlatched. The MAX5927
fault management mode is selectable.
The MAX5927/MAX5929 offer a variety of options to
reduce external component count and design time. All
devices integrate an on-board charge pump to drive
the gates of low-cost external N-channel MOSFETs, an
adjustable startup timer, and an adjustable current limit.
The devices offer integrated features like startup cur-
rent regulation and current glitch protection to eliminate
external timing resistors and capacitors. The
MAX5929_L provides an open-drain active-low status
output for each channel, the MAX5929_H provides an
open-drain active-high status output for each channel,
and the MAX5927 status output polarity is selectable.
The MAX5927 is available in a 32-pin thin QFN package
and the MAX5929 is available in a 24-pin QSOP pack-
age. All devices are specified over the extended tem-
perature range, -40°C to +85°C.
Applications
Features
♦ Safe Hot Swap for +1V to +13.2V Power Supplies
with Any Input Voltage (VIN_ ≥ 2.7V and Only One
VIN_ > 11.0V)
♦ Adjustable Circuit Breaker/Current-Limit
Threshold from 25mV to 100mV
♦ Configurable Tracking, Sequencing, or
Independent Operation Modes
♦ VariableSpeed/BiLevel Circuit-Breaker Response
♦ Internal Charge Pumps Generate N-Channel
MOSFET Gate Drives
♦ Inrush Current Regulated at Startup
♦ Autoretry or Latched Fault Management
♦ Programmable Undervoltage Lockout
♦ Status Outputs Indicate Fault/Safe Condition
Low-Voltage, Quad, Hot-Swap
Controllers/Power Sequencers
________________________________________________________________ Maxim Integrated Products
1
17
18
19
20
21
22
23
GATE3
SENSE3
IN3
N.C.
LIM3
GATE2
SENSE2
8
7
6
5
4
3
2
STAT1
GATE4
SENSE4
IN4
LIM4
GATE1
SENSE1
MAX5927
THIN QFN
1
IN1
24
IN2
TOP VIEW
Pin Configurations
Ordering Information
19-2945; Rev 1; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX5927ETJ
-40°C to +85°C
32 Thin QFN-EP
MAX5929LHEEG
-40°C to +85°C
24 QSOP
MAX5929LLEEG
-40°C to +85°C
24 QSOP
MAX5929AHEEG
-40°C to +85°C
24 QSOP
MAX5929ALEEG
-40°C to +85°C
24 QSOP
VariableSpeed/BiLevel is a trademark of Maxim Integrated
Products, Inc.
PCI Express Hot Plug
Hot Plug-In Daughter Cards
RAID
Power-Supply
Sequencing/Tracking
Basestation Line Cards
Portable Computer Device
Bays (Docking Stations)
Network Switches, Routers,
Hubs
Selector Guide and Typical Operating Circuit appear at end
of data sheet.
EP = Exposed paddle.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX5929AHEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5929AEEG MAXIM-MAX5929AEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
More results

Similar Description - MAX5929AHEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com