Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L3223DT0-CLB0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M470L3223DT0-CLB0
Description  256MB DDR SDRAM MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3223DT0-CLB0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M470L3223DT0-CLB0 Datasheet HTML 2Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 3Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 4Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 5Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 6Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 7Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 8Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 9Page - Samsung semiconductor M470L3223DT0-CLB0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M470L3223DT0
Rev. 0.0 Dec. 2001
DDR SDRAM SPEC Items and Test Conditions
Conditions
Symbol
Operating current - One bank Active-Precharge;
tRC=tRCmin;
DQ,DM and DQS inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
IDD0
Operating current - One bank operation ; One bank open, BL=4, Reads
- Refer to the following page for detailed test condition
IDD1
Percharge power-down standby current; All banks idle; power - down mode;
CKE = <VIL(max); Vin = Vref for DQ,DQS and DM
IDD2P
Precharge Floating standby current; CS# > =VIH(min);All banks idle;
CKE > = VIH(min); Address and other control inputs changing once per clock cycle;
Vin = Vref for DQ,DQS and DM
IDD2F
Precharge Quiet standby current; CS# > = VIH(min); All banks idle;
CKE > = VIH(min);
Address and other control inputs stable with keeping >= VIH(min) or =<VIL(max);
Vin = Vref for DQ ,DQS and DM
IDD2Q
Active power - down standby current ; one bank active; power-down mode;
CKE=< VIL (max); Vin = Vref for DQ,DQS and DM
IDD3P
Active standby current; CS# >= VIH(min); CKE>=VIH(min);
one bank active; active - precharge; tRC=tRASmax;
DQ, DQS and DM inputs changing twice per clock cycle;
address and other control inputs changing once per clock cycle
IDD3N
Operating current - burst read; Burst length = 2; reads; continguous burst;
One bank active; address and control inputs changing once per clock cycle;
50% of data changing at every burst; lout = 0 m A
IDD4R
Operating current - burst write; Burst length = 2; writes; continuous burst;
One bank active address and control inputs changing once per clock cycle;
DQ, DM and DQS inputs changing twice
per clock cycle, 50% of input data changing at every burst
IDD4W
Auto refresh current; tRC = tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz and 12*tCK for DDR333; distributed refresh
IDD5
Self refresh current; CKE =< 0.2V; External clock should be on;
tCK = 100Mhz for DDR200, 133Mhz for DDR266A & DDR266B and 166Mhz for DDR333
IDD6
Orerating current - Four bank operation ; Four bank interleaving with BL=4
-Refer to the following page for detailed test condition
IDD7A
Recommended operating conditions Unless Otherwise Noted, TA=0 to 70
°C)


Similar Part No. - M470L3223DT0-CLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA0 SAMSUNG-M470L3224DT0-CA0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA2 SAMSUNG-M470L3224DT0-CA2 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - M470L3223DT0-CLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com