Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L3223DT0-CA2 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M470L3223DT0-CA2
Description  256MB DDR SDRAM MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3223DT0-CA2 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M470L3223DT0-CA2 Datasheet HTML 3Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 4Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 5Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 6Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 7Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 8Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 9Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 10Page - Samsung semiconductor M470L3223DT0-CA2 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M470L3223DT0
Rev. 0.0 Dec. 2001
DDR SDRAM IDD spec table
* Module
IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
A0(DDR200@CL=2)
Unit
Notes
IDD0
720
640
600
mA
IDD1
960
880
800
mA
IDD2P
24
24
24
mA
IDD2F
200
160
144
mA
IDD2Q
160
144
128
mA
IDD3P
280
240
200
mA
IDD3N
440
360
320
mA
IDD4R
1360
1120
960
mA
IDD4W
1360
1120
920
mA
IDD5
1440
1320
1200
mA
IDD6
Normal
24
24
24
mA
Low power
12
12
12
mA
Optional
IDD7A
2600
2240
1880
mA
< Detailed test conditions for DDR SDRAM IDD1 & IDD7A >
IDD1 : Operating current: One bank operation
1. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs on NOP edge are changing once
per clock cycle. lout = 0mA
2. Timing patterns
- DDR200(100Mhz, CL=2) : tCK = 10ns, CL2, BL=4, tRCD = 2*tCK, tRAS = 5*tCK
Read : A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266B(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266A (133Mhz, CL=2) : tCK = 7.5ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR333(166Mhz, CL=2.5) : tCK=6ns, CL=2.5, BL=4, tRCD=10*tCK, tRAS=7*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP


Similar Part No. - M470L3223DT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA0 SAMSUNG-M470L3224DT0-CA0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0-CA2 SAMSUNG-M470L3224DT0-CA2 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
More results

Similar Description - M470L3223DT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com