Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP585LSN09T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP585LSN09T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585LSN09T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP585LSN09T1G Datasheet HTML 6Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 7Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 8Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 9Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 10Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 11Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 12Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 13Page - ON Semiconductor NCP585LSN09T1G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP585
http://onsemi.com
10
TYPICAL CHARACTERISTICS
510
15
20
30
3.0
2.8
2.7
2.6
2.5
2.4
025
40
35
2.9
60
0
−30
−60
−90
−120
30
0.5
1.0
1.5
2.0
3.0
4.5
3.5
3.0
2.5
2.0
1.5
0
2.5
4.0
3.5
4.0
20
0
−10
−20
−30
−40
10
−0.2
0.2
TIME, t (
ms)
0.7
2.7
1.8
0.9
0
−0.9
−1.8
−2.7
−0.3
−.01
0.3
0
0.4
0.1
0.5
0.6
2.5
1.5
1.0
0.5
0
2.0
−0.5
−40
40
TIME, t (
ms)
140
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
−60
−20
60
080
20
100 120
5.0
3.0
2.0
1.0
0
4.0
−1
6.0
7.0
4.0
6.0
−0.2
0.2
TIME, t (
ms)
0.7
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
−0.3
−0.1
0.3
0
0.4
0.1
0.5
0.6
5.0
3.0
2.0
1.0
0
4.0
−1.0
6.0
7.0
4.0
6.0
Time, t (
ms)
ECO = H, Vin = 1.8 V
Cin = Ceramic 1.0 mF
Cout = Ceramic 2.2 mF
Vout = 2.6 V
Output Voltage
Load Current
Figure 30. (continued) Load Transient Response
Time, t (
ms)
ECO = L, Vin = 3.6 V
Cin = Ceramic 1.0 mF
Cout = Ceramic 2.2 mF
Vout = 2.6 V
Output Voltage
Load Current
−20
20
TIME, t (
ms)
70
2.7
1.8
0.9
0
−0.9
−1.8
−2.7
−30
−10
30
040
10
50
60
2.5
1.5
1.0
0.5
0
2.0
ECO = H
Vin = 1.8 V
Cin = Tantalum 1.0 mF
Cout = Tantalum 1.0 mF
Iout = 300 mA
−0.5
VCE = 0 V → 1.8 V
ECO = L
Vin = 1.8 V
Cin = Tantalum 1.0 mF
Cout = Tantalum 1.0 mF
Iout = 300 mA
VCE = 0 V → 1.8 V
ECO = H
Vin = 4.3 V
Cin = Ceramic 1.0 mF
Cout = Ceramic 1.0 mF
Iout = 300 mA
VCE = 0 V → 4.3 V
ECO = L
Vin = 4.3 V
Cin = Ceramic 1.0 mF
Cout = Ceramic 1.0 mF
Iout = 300 mA
VCE = 0 V → 4.3 V
Figure 31. Turn−On Speed with CE Pin, Vout = 0.8 V


Similar Part No. - NCP585LSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585LSN09T1G ONSEMI-NCP585LSN09T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
More results

Similar Description - NCP585LSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com