Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-008M002A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-008M002A
Description  8 x 2 Character LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-008M002A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-008M002A Datasheet HTML 1Page - Vishay Siliconix LCD-008M002A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 37212
Revision 01-Oct-02
www.vishay.com
20
LCD-008M002A
Vishay
For Technical Questions, Contact: Displays@Vishay.com
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
+ 5V
3
Vo
Contrast Adjustment
4
RS
H/L Register Select Signal
5
R/W
H/L Read/Write Signal
6E
H
→L Enable Signal
7
DB0
H/L Data Bus Line
8
DB1
H/L Data Bus Line
9
DB2
H/L Data Bus Line
10
DB3
H/L Data Bus Line
11
DB4
H/L Data Bus Line
12
DB5
H/L Data Bus Line
13
DB6
H/L Data Bus Line
14
DB7
H/L Data Bus Line
8 x 2 Character LCD
DIMENSIONS in millimeters
58.0
± 0.5
44.5
6.75
10.0
38.0 (VA)
27.81 (AA)
15.095
53.0
29.0
2.5
4 Ø 2.5 PTH
A
K
13.5 MAX
8.9 MAX
4.5
88
1.6
1.6
LED B/L
EL OR NO B/L
2.54
1.7
14
13
14 Ø 1.0 PTH
14 Ø 1.8 PAD
2
1
PIN DETAIL
2.96
0.59
0.60
0.56
DOT SIZE


Similar Part No. - LCD-008M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-008N002A1 VISHAY-LCD-008N002A1 Datasheet
67Kb / 3P
   8 x 2 Character LCD
Revision: 19-Jul-12
LCD-008N002A1 VISHAY-LCD-008N002A1 Datasheet
69Kb / 3P
   8 x 2 Character LCD
01-Jan-2022
LCD-008N002A1 VISHAY-LCD-008N002A1 Datasheet
69Kb / 3P
   8 x 2 Character LCD
01-Jan-2023
LCD-008N002A1-NFG-ET VISHAY-LCD-008N002A1-NFG-ET Datasheet
591Kb / 27P
   8 x 2 Character LCD
01-Jan-2022
LCD-008N002A1-NFG-ET VISHAY-LCD-008N002A1-NFG-ET Datasheet
592Kb / 27P
   8 x 2 Character LCD
01-Jan-2023
More results

Similar Description - LCD-008M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-008N002A1 VISHAY-LCD-008N002A1 Datasheet
67Kb / 3P
   8 x 2 Character LCD
Revision: 19-Jul-12
LCD-008N002A1-TFH-ET VISHAY-LCD-008N002A1-TFH-ET Datasheet
592Kb / 27P
   8 x 2 Character LCD
01-Jan-2022
LCD-008N002A1 VISHAY-LCD-008N002A1_V02 Datasheet
69Kb / 3P
   8 x 2 Character LCD
01-Jan-2023
LCD008N002A1TFHET VISHAY-LCD008N002A1TFHET Datasheet
592Kb / 27P
   8 x 2 Character LCD
01-Jan-2023
LCD-008N002A1-TMI-ET VISHAY-LCD-008N002A1-TMI-ET Datasheet
544Kb / 28P
   8 x 2 Character LCD
01-Jan-2022
LCD008N002A1YGHJT VISHAY-LCD008N002A1YGHJT Datasheet
538Kb / 27P
   8 x 2 Character LCD
01-Jan-2023
LCD008N002A1YYHET VISHAY-LCD008N002A1YYHET Datasheet
591Kb / 27P
   8 x 2 Character LCD
01-Jan-2023
LCD008N002A1NFGET VISHAY-LCD008N002A1NFGET Datasheet
592Kb / 27P
   8 x 2 Character LCD
01-Jan-2023
LCD-008N002A1-YGH-JT VISHAY-LCD-008N002A1-YGH-JT Datasheet
537Kb / 27P
   8 x 2 Character LCD
01-Jan-2022
LCD-008N002A1 VISHAY-LCD-008N002A1_V01 Datasheet
69Kb / 3P
   8 x 2 Character LCD
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com