Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V9079L15PFI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70V9079L15PFI
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9079L15PFI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70V9079L15PFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 9Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 10Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 11Page - Integrated Device Technology IDT70V9079L15PFI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6.42
IDT70V9089/79S/L
High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
This parameter is guaranteed by device characterization, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply when
FT
/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a
DC signal, i.e. steady state during operation.
4. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3,4) (VDD = 3.3V ± 0.3, TA = 0°C to +70°C)
70V9089/79X6
Com'l Only
70V9089/79X7
Com'l Only
70V9089/79X9
Com'l
& Ind
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(2)
19
____
22
____
25
____
ns
tCYC2
Clock Cycle Time (Pipelined)(2)
10
____
12
____
15
____
ns
tCH1
Clock High Time (Flow-Through)(2)
6.5
____
7.5
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
6.5
____
7.5
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
4
____
5
____
6
____
ns
tCL2
Clock Low Time (Pipelined)(2)
4
____
5
____
6
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
3.5
____
4
____
4
____
ns
tHA
Address Hold Time
0
____
0
____
1
____
ns
tSC
Chip Enable Setup Time
3.5
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
0
____
0
____
1
____
ns
tSW
R/W Setup Time
3.5
____
4
____
4
____
ns
tHW
R/W Hold Time
0
____
0
____
1
____
ns
tSD
Input Data Setup Time
3.5
____
4
____
4
____
ns
tHD
Input Data Hold Time
0
____
0
____
1
____
ns
tSAD
ADS
Setup Time
3.5
____
4
____
4
____
ns
tHAD
ADS
Hold Time
0
____
0
____
1
____
ns
tSCN
CNTEN
Setup Time
3.5
____
4
____
4
____
ns
tHCN
CNTEN
Hold Time
0
____
0
____
1
____
ns
tSRST
CNTRST
Setup Time
3.5
____
4
____
4
____
ns
tHRST
CNTRST
Hold Time
0
____
0
____
1
____
ns
tOE
Output Enable to Data Valid
____
6.5
____
7.5
____
9ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
1
7
17
ns
tCD1
Clock to Data Valid (Flow-Through)(2)
____
15
____
18
____
20
ns
tCD2
Clock to Data Valid (Pipelined)(2)
____
6.5
____
7.5
____
9ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
292
929
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
24
____
28
____
35
ns
tCCS
Clock-to-Clock Setup Time
____
9
____
10
____
15
ns
3750 tbl 11a


Similar Part No. - IDT70V9079L15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9099L12PF IDT-IDT70V9099L12PF Datasheet
300Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9099L12PFI IDT-IDT70V9099L12PFI Datasheet
300Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9099L6PF IDT-IDT70V9099L6PF Datasheet
300Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9079L15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com