Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZ7A3 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HZ7A3
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ7A3 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HZ7A3 Datasheet HTML 1Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 2Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 3Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 4Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 5Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 6Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 7Page - Hitachi Semiconductor HZ7A3 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HZ Series
Rev.2, Nov. 1999, page 2 of 8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
500
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
-55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverese Current
Dynamic Resistance
V
Z (V)*
1
Test
Condition
I
R
µµµA)
Test
Condition
r
d (Ω
Ω)
Test
Condition
Type
Grade
Min
Max
I
Z (mA)
Max
V
R (V)
Max
I
Z (mA)
HZ2
A1
1.6
1.8
5
25
0.5
100
5
A2
1.7
1.9
A3
1.8
2.0
B1
1.9
2.1
5
5
0.5
100
5
B2
2.0
2.2
B3
2.1
2.3
C1
2.2
2.4
C2
2.3
2.5
C3
2.4
2.6
HZ3
A1
2.5
2.7
5
5
0.5
100
5
A2
2.6
2.8
A3
2.7
2.9
B1
2.8
3.0
B2
2.9
3.1
B3
3.0
3.2
C1
3.1
3.3
C2
3.2
3.4
C3
3.3
3.5
HZ4
A1
3.4
3.6
5
5
1.0
100
5
A2
3.5
3.7
A3
3.6
3.8
Note:
1. Tested with DC.


Similar Part No. - HZ7A3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ7A3 RENESAS-HZ7A3 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
SEMTECH ELECTRONICS LTD...
HZ7A3 SEMTECH_ELEC-HZ7A3 Datasheet
261Kb / 4P
   SILICON EPITAXIAL PLANER ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
HZ7A3 HOTTECH-HZ7A3 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
More results

Similar Description - HZ7A3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com