Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP585DSN12T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP585DSN12T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSN12T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP585DSN12T1G Datasheet HTML 1Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 2Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 3Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP585
http://onsemi.com
2
Figure 1. Simplified Block Diagram for Active High
with Auto Discharge
+
Vin
Vref
Current Limit
CE
Vout
GND
ECO
Figure 1. Simplified Block Diagram for Active Low
Figure 2. Simplified Block Diagram for Active High
+
Vin
Vref
Current Limit
CE
Vout
GND
ECO
+
Vin
Vref
Current Limit
CE
Vout
GND
ECO
PIN FUNCTION DESCRIPTION
HSON−6
SOT23−5
Pin Name
Description
1
1
Vin
Power supply input voltage.
2
NC
No Connect.
3
5
Vout
Regulated output voltage.
4
4
ECO
Mode alternative pin.
5
2
GND
Power supply ground.
6
3
CE or CE
Chip enable pin.


Similar Part No. - NCP585DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN12T1G ONSEMI-NCP585DSN12T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
More results

Similar Description - NCP585DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com