Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6602 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6602
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6602 Datasheet(HTML) 1 Page - International Rectifier

  IRF6602 Datasheet HTML 1Page - International Rectifier IRF6602 Datasheet HTML 2Page - International Rectifier IRF6602 Datasheet HTML 3Page - International Rectifier IRF6602 Datasheet HTML 4Page - International Rectifier IRF6602 Datasheet HTML 5Page - International Rectifier IRF6602 Datasheet HTML 6Page - International Rectifier IRF6602 Datasheet HTML 7Page - International Rectifier IRF6602 Datasheet HTML 8Page - International Rectifier IRF6602 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
3/1/04
IRF6602/IRF6602TR1
HEXFET® Power MOSFET
Notes
 through ‡ are on page 11
VDSS
RDS(on) max
Qg
20V
13m
Ω@V
GS = 10V
12nC
19m
Ω@V
GS = 4.5V
DirectFET
™ ISOMETRIC
Description
The IRF6602 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve the lowest on-state resistance charge product in a package that has the footprint of an SO-8 and only 0.7 mm profile.
The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment
and vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the
manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in
power systems, IMPROVING previous best thermal resistance by 80%.
The IRF6602 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction
and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the
latest generation of processors operating at higher frequencies. The IRF6602 has been optimized for parameters that are
critical in synchronous buck converters including Rds(on) and gate charge to minimize losses in the control FET socket.
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l Low Switching Losses
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Compatible with existing Surface Mount Techniques
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
W
PD @TA = 70°C
Power Dissipation
g
PD @TC = 25°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
f
–––
55
RθJA
Junction-to-Ambient
g
12.5
–––
RθJA
Junction-to-Ambient
h
20
–––
°C/W
RθJC
Junction-to-Case
i
–––
3.0
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Max.
11
8.9
89
±20
20
48
-40 to + 150
2.3
0.018
1.5
42
Applicable DirectFET Package/Layout Pad (see p.9, 10 for details)
MQ
SQ
SX
ST
MQ
MX
MT
PD-94363C


Similar Part No. - IRF6602

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
More results

Similar Description - IRF6602

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com