Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL9T100 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL9T100
Description  Super-luminosity/High-luminosity Numeric LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL9T100 Datasheet(HTML) 3 Page - Sharp Corporation

  GL9T100 Datasheet HTML 1Page - Sharp Corporation GL9T100 Datasheet HTML 2Page - Sharp Corporation GL9T100 Datasheet HTML 3Page - Sharp Corporation GL9T100 Datasheet HTML 4Page - Sharp Corporation GL9T100 Datasheet HTML 5Page - Sharp Corporation GL9T100 Datasheet HTML 6Page - Sharp Corporation GL9T100 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Numeric LED Characteristics Diagrams
144
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
* In case of 25.4/38.1/76.0mm: value per 1segment 1chip
P series
U series
Mold type
Substrate type
0
5
10
15
20
25
30
35
-20
0
20
40
60
100
80
Substrate type
Mold type
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
(Duty ratio1/10)
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(Ta=25˚C)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
(Ta=25˚C)
(1F=5mA/seg)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
0
5
10
15
20
25
30
35
-20
0
20
40
60
100
80
0
50
100
150
-20
0
20
40
60
100
80
(Duty ratio1/10)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
12
5
10
20
50
(Ta=25˚C)
(1F=20mA)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
150
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
0.5
2
1
3
5
10
20
50
100
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
(Ta=25˚C)
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR
Mold type
Substrate type
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR


Similar Part No. - GL9T100

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
More results

Similar Description - GL9T100

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
LMFLSP100 ETC-LMFLSP100 Datasheet
312Kb / 10P
   Super Luminosity White LED
logo
Everlight Electronics C...
EAPL5050RGBA1 EVERLIGHT-EAPL5050RGBA1 Datasheet
453Kb / 13P
   Super-luminosity chip LED.
logo
List of Unclassifed Man...
GL5FG43 ETC1-GL5FG43 Datasheet
1Mb / 11P
   HIGH-LUMINOSITY LED LAMP
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com