Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3310CB Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3310CB
Description  3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310CB Datasheet(HTML) 7 Page - Intersil Corporation

  ICL3310CB Datasheet HTML 1Page - Intersil Corporation ICL3310CB Datasheet HTML 2Page - Intersil Corporation ICL3310CB Datasheet HTML 3Page - Intersil Corporation ICL3310CB Datasheet HTML 4Page - Intersil Corporation ICL3310CB Datasheet HTML 5Page - Intersil Corporation ICL3310CB Datasheet HTML 6Page - Intersil Corporation ICL3310CB Datasheet HTML 7Page - Intersil Corporation ICL3310CB Datasheet HTML 8Page - Intersil Corporation ICL3310CB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Interconnection with 3V and 5V Logic
The ICL3310 directly interface with most 5V logic families,
including ACT and HCT CMOS. See Table 3 for more
information on possible combinations of interconnections.
FIGURE 7. LOOPBACK TEST AT 120kbps
FIGURE 8. LOOPBACK TEST AT 250kbps
T1IN
T1OUT
R1OUT
5
µs/DIV.
VCC = +3.3V
5V/DIV.
C1 - C4 = 0.1
µF
T1IN
T1OUT
R1OUT
2
µs/DIV.
5V/DIV.
VCC = +3.3V
C1 - C4 = 0.1
µF
TABLE 3. LOGIC FAMILY COMPATIBILITY WITH VARIOUS
SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS families.
5
5
Compatible with all TTL and CMOS
logic families.
5
3.3
Compatible with ACT and HCT
CMOS, and with TTL. Incompatible
with AC, HC, or CD4000 CMOS.
Typical Performance Curves VCC = 3.3V, TA = 25oC
FIGURE 9. TRANSMITTER OUTPUT VOLTAGE vs LOAD
CAPACITANCE
FIGURE 10. SLEW RATE vs LOAD CAPACITANCE
-6.0
-4.0
-2.0
0
2.0
4.0
6.0
1000
2000
3000
4000
5000
0
LOAD CAPACITANCE (pF)
1 TRANSMITTER AT 250kbps
VOUT+
VOUT -
1 TRANSMITTER AT 30kbps
LOAD CAPACITANCE (pF)
0
1000
2000
3000
4000
5000
5
10
15
20
25
+SLEW
-SLEW
ICL3310


Similar Part No. - ICL3310CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECA INTERSIL-ICL3310ECA Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECA-T INTERSIL-ICL3310ECA-T Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECB INTERSIL-ICL3310ECB Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECB-T INTERSIL-ICL3310ECB-T Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ICL3310CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83384E INTERSIL-ISL83384E Datasheet
289Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com