Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5203IS-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5203IS-T13
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5203IS-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5203IS-T13 Datasheet HTML 1Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5203IS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7331.2
December 14, 2004
Closed Loop AC Electrical Specifications VS+ = +5V, VS- = -5V, TA = 25°C, VENABLE = +5V, AV = +1, RF = 0Ω, RL = 150Ω to GND
pin, unless otherwise specified. (Note 1)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 400mVP-P)AV = 1, RF = 0Ω
400
MHz
SR
Slew Rate
AV = +2, RL = 100Ω, VOUT = -3V to +3V
1100
2200
5000
V/µs
RL = 500Ω, VOUT = -3V to +3V
4000
V/µs
tR,tF
Rise Time, Fall Time
±0.1V step
2.8
ns
OS
Overshoot
±0.1V step
10
%
tS
0.1% Settling Time
VS = ±5V, RL = 500Ω, AV = 1, VOUT = ±3V
20
ns
dG
Differential Gain (Note 2)
AV = 2, RF = 1kΩ
0.01
%
dP
Differential Phase (Note 2)
AV = 2, RF = 1kΩ
0.01
°
eN
Input Noise Voltage
f = 10kHz
6
nV/
√Hz
iN
Input Noise Current
f = 10kHz
1.25
pA/
√Hz
tDIS
Disable Time (Note 3)
50
ns
tEN
Enable Time (Note 3)
25
ns
NOTES:
1. All AC tests are performed on a “warmed up” part, except slew rate, which is pulse tested.
2. Standard NTSC signal = 286mVP-P, f = 3.58MHz, as VIN is swept from 0.6V to 1.314V.RL is DC coupled.
3. Disable/Enable time is defined as the time from when the logic signal is applied to the ENABLE pin to when the supply current has reached half
its final value.
Typical Performance Curves
FIGURE 1. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS RL
FREQUENCY (Hz)
10
100
1K
10K 100K 1M
10M 100M 1G
80
70
60
50
40
30
20
10
0
-10
-20
-45
0
45
90
135
180
225
270
315
360
405
VCC=+5V
VEE=-5V
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
700M
FREQUENCY (Hz)
100M
-5
AV=+1
CL=2.2pF
200
100
10
500
50
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5203IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5203IS-T13 INTERSIL-EL5203IS-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5203IS-T13 INTERSIL-EL5203IS-T13 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203IS-T13 INTERSIL-EL5203IS-T13 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5203IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com