Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6128-06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS6128-06
Description  PLL CLOCK GENERATOR IC WITH VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6128-06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS6128-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6128-06 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
2
4.24.00
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
FS6128-04 / FS6128-05 / FS6128-06
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 2: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-Level Digital Input,
DO = Digital Output; P = Power/Ground; # = Active Low pin
PIN
TYPE
NAME
DESCRIPTION
1
AI
XIN
VCXO Feedback
2
P
VDD
Power Supply (+3.3V)
3
AI
XTUNE
VCXO Tune
4
P
VSS
Ground
5
DO
CLK
Clock Output
6
-
n/c
No Connection
7
DO
VSS
Ground
8
AO
XOUT
VCXO Drive
3.0
Functional Block Description
3.1
Voltage-Controlled Crystal
Oscillator (VCXO)
The VCXO provides a tunable, low-jitter frequency refer-
ence for the rest of the FS6128 system components.
Loading capacitance for the crystal is internal to the
FS6128. No external components (other than the reso-
nator itself) are required for operation of the VCXO.
Continuous fine-tuning of the VCXO frequency is accom-
plished by varying the voltage on the XTUNE pin. The
value of this voltage controls the effective capacitance
presented to the crystal. The actual amount that this load
capacitance change will alter the oscillator frequency de-
pends on the characteristics of the crystal as well as the
oscillator circuit itself.
It is important that the crystal load capacitance is speci-
fied correctly to “center” the tuning range. See Table 5.
A simple formula to obtain the “pulling” capability of a
crystal oscillator is:
()
() (
)
C
C
C
C
C
C
C
ppm
f
L
L
L
L
1
0
2
0
6
1
2
1
2
10
)
(
+
×
+
×
×
×
=
where:
C0 = the shunt (or holder) capacitance of the crystal
C1 = the motional capacitance of the crystal
CL1 and CL2 = the two extremes (minimum and maximum)
of the applied load capacitance presented by the
FS6128.
EXAMPLE:
A crystal with the following parameters is
used: C1 = 0.025pF and C0 = 6pF. Using the minimum
and maximum CL1 = 10pF, and CL2 = 20pF, the tuning
range (peak-to-peak) is:
()
() (
)
ppm
.
f
300
10
6
20
6
2
106
10
20
025
0
=
+
×
+
×
×
×
=
.
3.2
Phase-Locked Loop (PLL)
The on-chip PLL is a standard frequency- and phase-
locked loop architecture. The PLL multiplies the reference
oscillator frequency to the desired output frequency by a
ratio of integers. The frequency multiplication is exact
with a zero synthesis error (unless otherwise specified).


Similar Part No. - FS6128-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTD ONSEMI-FS6128-04G-XTD Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04G-XTP ONSEMI-FS6128-04G-XTP Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
List of Unclassifed Man...
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
More results

Similar Description - FS6128-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com