Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5202IY-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5202IY-T7
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202IY-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5202IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 9Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 10Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 11Page - Intersil Corporation EL5202IY-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7331.2
December 14, 2004
FIGURE 21. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 22. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 23. GAIN vs FREQUENCY FOR VARIOUS RL
FIGURE 24. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 25. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 26. GAIN vs FREQUENCY FOR VARIOUS CL
Typical Performance Curves (Continued)
4
2
0
-2
-4
5
3
1
-1
-3
01
10
1000
FREQUENCY (MHz)
100
-5
AV=-1
VS=±5V
RF=RG=301Ω
RL=150Ω
RL=500Ω
RL=1kΩ
RL=100Ω
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (Hz)
100
-5
AV=-2
VS=±5V
RF=301Ω
RG=150Ω
RL=150Ω
RL=1kΩ
RL=100Ω
RL=500Ω
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
100
FREQUENCY (MHz)
-5
RL=500Ω
RL=1kΩ
RL=150Ω
RL=100Ω
AV=-10
VS=±5V
RF=1kΩ
RG=100Ω
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+1
VS=±5V
RL=500Ω
RF=0
CL=+33pF
CL=+27pF
CL=+15pF
CL=+8.2pF
CL=+2.2pF
Vs = +/- 5V
Av = +1
RL = 200 Ohms
RF = 0
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+1
VS=±5V
RL=200Ω
RF=0
CL=+10pF
CL=+4.7pF
CL=+18pF
CL=+27pF
CL=+39pF
4
2
0
-2
-4
5
3
1
-1
-3
0
1
10
1000
FREQUENCY (MHz)
100
-5
AV=+1
VS=±5V
RL=100Ω
RF=0
CL=+62pF
CL=+12pF
CL=+34pF
CL=+22pF
CL=+47pF
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5202IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202IY-T7 INTERSIL-EL5202IY-T7 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IY-T7 INTERSIL-EL5202IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5202IY-T7 INTERSIL-EL5202IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com